Electronic Components Datasheet Search
  English  ▼

X  

OPA2180 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # OPA2180
Description  0.1-關V/째C Drift, Low-Noise, Rail-to-Rail Output, 36-V, Zero-Drift OPERATIONAL AMPLIFIERS
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA2180 Datasheet(HTML) 1 Page - Texas Instruments

  OPA2180 Datasheet HTML 1Page - Texas Instruments OPA2180 Datasheet HTML 2Page - Texas Instruments OPA2180 Datasheet HTML 3Page - Texas Instruments OPA2180 Datasheet HTML 4Page - Texas Instruments OPA2180 Datasheet HTML 5Page - Texas Instruments OPA2180 Datasheet HTML 6Page - Texas Instruments OPA2180 Datasheet HTML 7Page - Texas Instruments OPA2180 Datasheet HTML 8Page - Texas Instruments OPA2180 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
Time (1 s/div)
Peak-to-Peak Noise = 250 nV
OPA2180
OPA4180
www.ti.com
SBOS584C – NOVEMBER 2011 – REVISED DECEMBER 2012
0.1-
μV/°C Drift, Low-Noise, Rail-to-Rail Output, 36-V, Zero-Drift
OPERATIONAL AMPLIFIERS
Check for Samples: OPA2180, OPA4180
1
FEATURES
APPLICATIONS
2
•
Low Offset Voltage: 75
μV (max)
•
Bridge Amplifiers
•
Zero-Drift: 0.1
μV/°C
•
Strain Gauges
•
Low Noise: 10 nV/
√Hz
•
Test Equipment
•
Very Low 1/f Noise
•
Transducer Applications
•
Excellent DC Precision:
•
Temperature Measurement
–
PSRR: 126 dB
•
Electronic Scales
–
CMRR: 114 dB
•
Medical Instrumentation
–
Open-Loop Gain (AOL): 120 dB
•
Resister Thermal Detectors
•
Quiescent Current: 525
μA (max)
•
Precision Active Filters
•
Wide Supply Range: ±2 V to ±18 V
DESCRIPTION
•
Rail-to-Rail Output:
The OPA2180 and OPA4180 operational amplifiers
Input Includes Negative Rail
use zero-drift techniques to simultaneously provide
•
Low Bias Current: 250 pA (typ)
low offset voltage (75
μV), and near zero-drift over
•
RFI Filtered Inputs
time
and
temperature.
These
miniature,
high-
precision, low quiescent current amplifiers offer high
•
MicroSIZE Packages
input impedance and rail-to-rail output swing within
18 mV of the rails. The input common-mode range
includes the negative rail. Either single or dual
supplies can be used in the range of +4.0 V to +36 V
(±2 V to ±18 V).
The dual version is offered in MSOP-8 and SO-8
packages. The quad is offered in SO-14 and TSSOP-
14 packages. All versions are specified for operation
from –40°C to +105°C.
Zero-Drift Amplifier Portfolio
OFFSET VOLTAGE
OFFSET VOLTAGE DRIFT
BANDWIDTH
VERSION
PRODUCT
(µV)
(µV/°C)
(MHz)
OPA188 (4 V to 36 V)
25
0.085
2
OPA333 (5 V)
10
0.05
0.35
Single
OPA378 (5 V)
50
0.25
0.9
OPA735 (12 V)
5
0.05
1.6
OPA2188 (4 V to 36 V)
25
0.085
2
OPA2180 (4 V to 36 V)
75
0.35
2
Dual
OPA2333 (5 V)
10
0.05
0.35
OPA2378 (5 V)
50
0.25
0.9
OPA2735 (12 V)
5
0.05
1.6
OPA4188 (4 V to 36 V)
25
0.085
2
Quad
OPA4180 (4 V to 36 V)
75
0.35
2
OPA4330 (5 V)
50
0.25
0.35
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2011–2012, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - OPA2180

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA2180 TI1-OPA2180 Datasheet
872Kb / 25P
0.1-關V/째C Drift, Low-Noise, Rail-to-Rail Output, 36-V, Zero-Drift OPERATIONAL AMPLIFIERS
OPA2180 TI-OPA2180 Datasheet
1Mb / 38P
Drift, Low-Noise, Rail-to-Rail Output, 36-V, Zero-Drift Operational Amplifiers
OPA2180 TI-OPA2180 Datasheet
3Mb / 43P
OPAx182 36-V, 5-MHz, Low-Noise, Zero-Drift, MUX-Friendly, Precision Op Amps
DECEMBER 2021
OPA2180 TI-OPA2180 Datasheet
3Mb / 47P
OPAx182 36-V, 5-MHz, Low-Noise, Zero-Drift, MUX-Friendly, Precision Op Amps
REVISED AUGUST 2022
OPA2180 TI2-OPA2180 Datasheet
1Mb / 49P
OPAx180 0.1-μV/°C Drift, Low-Noise, Rail-to-Rail Output, 36-V, Zero-Drift Operational Amplifiers
REVISED JUNE 2018
More results

Similar Description - OPA2180

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA2180 TI1-OPA2180 Datasheet
872Kb / 25P
0.1-關V/째C Drift, Low-Noise, Rail-to-Rail Output, 36-V, Zero-Drift OPERATIONAL AMPLIFIERS
OPA180 TI-OPA180 Datasheet
1Mb / 38P
OPAx180 0.1-關V/째C Drift, Low-Noise, Rail-to-Rail Output, 36-V, Zero-Drift Operational Amplifiers
OPA2188 TI-OPA2188_15 Datasheet
1Mb / 28P
0.03-關V/째C Drift, Low-Noise, Rail-to-Rail Output, 36-V, Zero-Drift OPERATIONAL AMPLIFIERS
OPA4188 TI-OPA4188_15 Datasheet
1Mb / 28P
0.03-關V/째C Drift, Low-Noise, Rail-to-Rail Output,36-V, Zero-Drift OPERATIONAL AMPLIFIERS
OPA180 TI-OPA180_15 Datasheet
1Mb / 38P
Drift, Low-Noise, Rail-to-Rail Output, 36-V, Zero-Drift Operational Amplifiers
OPA180-Q1 TI1-OPA180-Q1 Datasheet
1Mb / 32P
0.1-uV/C Drift, Low-Noise, Rail-to-Rail Output, 36-V, Zero-Drift Operational Amplifiers
OPA187_1810 TI1-OPA187_1810 Datasheet
2Mb / 44P
0.001-關V/째C Drift, Low Power, Rail-to-Rail Output 36-V Operational Amplifiers Zero-Drift Series
OPA187_1812 TI1-OPA187_1812 Datasheet
2Mb / 43P
0.001-關V/째C Drift, Low Power, Rail-to-Rail Output 36-V Operational Amplifiers Zero-Drift Series
OPA187 TI-OPA187_19 Datasheet
2Mb / 45P
0.001-關V/째C Drift, Low Power, Rail-to-Rail Output 36-V Operational Amplifiers Zero-Drift Series
OPA187 TI1-OPA187_V02 Datasheet
2Mb / 49P
OPAx187 0.001-關V/째C Drift, Low Power, Rail-to-Rail Output 36-V Operational Amplifiers Zero-Drift Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com