Electronic Components Datasheet Search
  English  ▼

X  

OPA2180 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # OPA2180
Description  0.1-關V/째C Drift, Low-Noise, Rail-to-Rail Output, 36-V, Zero-Drift OPERATIONAL AMPLIFIERS
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA2180 Datasheet(HTML) 11 Page - Texas Instruments

Back Button OPA2180 Datasheet HTML 7Page - Texas Instruments OPA2180 Datasheet HTML 8Page - Texas Instruments OPA2180 Datasheet HTML 9Page - Texas Instruments OPA2180 Datasheet HTML 10Page - Texas Instruments OPA2180 Datasheet HTML 11Page - Texas Instruments OPA2180 Datasheet HTML 12Page - Texas Instruments OPA2180 Datasheet HTML 13Page - Texas Instruments OPA2180 Datasheet HTML 14Page - Texas Instruments OPA2180 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 27 page
background image
160
140
120
100
80
60
40
20
0
10M
10G
Frequency(Hz)
100M
1G
OPA2180
OPA4180
www.ti.com
SBOS584C – NOVEMBER 2011 – REVISED DECEMBER 2012
APPLICATION INFORMATION
The OPAx180 family of operational amplifiers combine precision offset and drift with excellent overall
performance, making them ideal for many precision applications. The precision offset drift of only 0.085 µV/°C
provides stability over the entire temperature range. In addition, the device offers excellent overall performance
with high CMRR, PSRR, and AOL. As with all amplifiers, applications with noisy or high-impedance power
supplies require decoupling capacitors close to the device pins. In most cases, 0.1-µF capacitors are adequate.
OPERATING CHARACTERISTICS
The OPAx180 family of amplifiers is specified for operation from 4 V to 36 V (±2 V to ±18 V). Many of the
specifications apply from –40°C to +105°C. Parameters that can exhibit significant variance with regard to
operating voltage or temperature are presented in the Typical Characteristics.
EMI REJECTION
The OPAx180 uses integrated electromagnetic interference (EMI) filtering to reduce the effects of EMI
interference from sources such as wireless communications and densely populated boards with a mix of analog
signal chain and digital components. EMI immunity can be improved with circuit design techniques; the OPAx180
benefits from these design improvements. Texas Instruments has developed the ability to accurately measure
and quantify the immunity of an operational amplifier over a broad frequency spectrum extending from 10 MHz to
6 GHz. Figure 25 shows the results of this testing on the OPAx180. Detailed information can also be found in the
Application Report EMI Rejection Ratio of Operational Amplifiers (SBOA128), available for download from the TI
website.
Figure 25. OPAx180 EMIRR Testing
Copyright © 2011–2012, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: OPA2180 OPA4180



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com