Electronic Components Datasheet Search
  English  ▼

X  

OPA2180 Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # OPA2180
Description  0.1-關V/째C Drift, Low-Noise, Rail-to-Rail Output, 36-V, Zero-Drift OPERATIONAL AMPLIFIERS
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA2180 Datasheet(HTML) 14 Page - Texas Instruments

Back Button OPA2180 Datasheet HTML 10Page - Texas Instruments OPA2180 Datasheet HTML 11Page - Texas Instruments OPA2180 Datasheet HTML 12Page - Texas Instruments OPA2180 Datasheet HTML 13Page - Texas Instruments OPA2180 Datasheet HTML 14Page - Texas Instruments OPA2180 Datasheet HTML 15Page - Texas Instruments OPA2180 Datasheet HTML 16Page - Texas Instruments OPA2180 Datasheet HTML 17Page - Texas Instruments OPA2180 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 27 page
background image
OPA2180
RTD
Pt100
R
105.8k
5
W
(1)
V
OUT
R
60.4k
3
W
R
4.99k
1
W
R
49.1k
2
W
R
1kW
4
1 F
m
1 F
m
REF5050
+15V
In
Out
(5V)
0 C=0V
200 C=5V
°
°
½
OPA2180
-15V
15V
U5
½
OPA2180
15V
-15V
U2
+
VCM
10
-VDIFF/2
V
DIFF/2
R
1kW
5
R
1kW
7
R
500 W
G
V
P
OUT
V
N
OUT
U1
INA159
3.3V
V
OUT
Ref1
Ref2
Sense
OPA2180
OPA4180
SBOS584C – NOVEMBER 2011 – REVISED DECEMBER 2012
www.ti.com
APPLICATION EXAMPLES
The application examples of Figure 30 and Figure 31 highlight only a few of the circuits where the OPAx180
family of devices can be used.
Figure 30. Discrete INA + Attenuation for ADC with 3.3-V Supply
(1) R5 provides positive-varying excitation to linearize output.
Figure 31. RTD Amplifier with Linearization
14
Submit Documentation Feedback
Copyright © 2011–2012, Texas Instruments Incorporated
Product Folder Links: OPA2180 OPA4180



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com