Electronic Components Datasheet Search
  English  ▼

X  

OPA2180 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # OPA2180
Description  0.1-關V/째C Drift, Low-Noise, Rail-to-Rail Output, 36-V, Zero-Drift OPERATIONAL AMPLIFIERS
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA2180 Datasheet(HTML) 2 Page - Texas Instruments

  OPA2180 Datasheet HTML 1Page - Texas Instruments OPA2180 Datasheet HTML 2Page - Texas Instruments OPA2180 Datasheet HTML 3Page - Texas Instruments OPA2180 Datasheet HTML 4Page - Texas Instruments OPA2180 Datasheet HTML 5Page - Texas Instruments OPA2180 Datasheet HTML 6Page - Texas Instruments OPA2180 Datasheet HTML 7Page - Texas Instruments OPA2180 Datasheet HTML 8Page - Texas Instruments OPA2180 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 27 page
background image
OPA2180
OPA4180
SBOS584C – NOVEMBER 2011 – REVISED DECEMBER 2012
www.ti.com
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
PACKAGE INFORMATION(1)
PACKAGE
SPECIFIED
PACKAGE-LEAD
DESIGNATOR
TEMPERATURE RANGE
PACKAGE MARKING
DUAL
SO-8
D
–40°C to +105°C
2180
OPA2180
MSOP-8
DGK
–40°C to +105°C
2180
QUAD
SO-14
D
–40°C to +105°C
OPA4180
OPA4180
TSSOP-14
PW
–40°C to +105°C
OPA4180
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or visit the
device product folder at www.ti.com.
ABSOLUTE MAXIMUM RATINGS
(1)
OPA2180, OPA4180
UNIT
Supply voltage
±20, 40 (single supply)
V
Voltage
(V–) – 0.5 to (V+) + 0.5
V
Signal input terminals
Current
±10
mA
Output short-circuit(2)
Continuous
Operating temperature
–55 to +125
°C
Storage temperature
–65 to +150
°C
Junction temperature
+150
°C
Human body model (HBM)
1.5
kV
ESD ratings
Charged device model (CDM)
1
kV
(1)
Stresses above these ratings may cause permanent damage. Exposure to absolute maximum conditions for extended periods may
degrade device reliability. These are stress ratings only and functional operation of the device at these or any other conditions beyond
those specified is not implied.
(2)
Short-circuit to ground, one amplifier per package.
2
Submit Documentation Feedback
Copyright © 2011–2012, Texas Instruments Incorporated
Product Folder Links: OPA2180 OPA4180



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com