Electronic Components Datasheet Search
  English  ▼

X  

THS7376IPWR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # THS7376IPWR
Description  4-Channel Video Amplifier with One SD and Three HD 8th-Order Filters with 6-dB Gain
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS7376IPWR Datasheet(HTML) 1 Page - Texas Instruments

  THS7376IPWR Datasheet HTML 1Page - Texas Instruments THS7376IPWR Datasheet HTML 2Page - Texas Instruments THS7376IPWR Datasheet HTML 3Page - Texas Instruments THS7376IPWR Datasheet HTML 4Page - Texas Instruments THS7376IPWR Datasheet HTML 5Page - Texas Instruments THS7376IPWR Datasheet HTML 6Page - Texas Instruments THS7376IPWR Datasheet HTML 7Page - Texas Instruments THS7376IPWR Datasheet HTML 8Page - Texas Instruments THS7376IPWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 61 page
background image
75 W
Y', G Out
'
CVBS Out
CVBS
R
Y', G'
R
P’ , B'
B
R
P’ , R'
R
R
1
2
3
4
5
6
7
14
13
12
11
10
9
8
CVBS OUT
HD CH1 OUT
HD CH2 OUT
HD CH3 OUT
V
S+
HD BYPASS
NC
CVBS IN
HD CH1 IN
HD CH2 IN
HD CH3 IN
GND
DISABLE
NC
Device
To GPIO Controller
or GND
75 W
P' , B Out
'
B
75 W
P' , R Out
'
R
75 W
+3 V to +5 V
THS7376
www.ti.com
SBOS692 – JUNE 2013
4-Channel Video Amplifier with One SD and Three HD 8th-Order Filters with 6-dB Gain
Check for Samples: THS7376
1
FEATURES
APPLICATIONS
234
•
One SD Video Amplifier for CVBS Video :
•
Set-Top Box Output Video Buffering
–
Sixth-Order Low-Pass Filter:
•
PVR, DVDR, and BluRay™ Output Buffering
–3 dB at 10 MHz
•
Media Centers and Players
–
Low Differential Gain and Phase:
0.2% and 0.3°
DESCRIPTION
The THS7376 is a low-power, 3-V to 5-V single-
•
Three HD Video Amplifiers for Y’P’BP’R, 720p,
supply, four-channel, integrated video amplifier. The
1080i, 1080p24, and 1080p30 Filters or G’B’R’
device incorporates one standard definition (SD) filter
(R’G’B’) Outputs:
channel for CVBS video and three high-definition
–
8th-Order Low-Pass Filter:
(HD) filter channels. The CVBS filter features a sixth-
–
–1 dB at 39 MHz
order filter and the HD channels feature eighth-order
filters. These filters are useful as digital-to-analog
–
–3 dB at 42 MHz
converter (DAC) reconstruction filters or as analog-to-
–
Bypassable Filters: –3 dB at 300 MHz
digital converter (ADC) antialiasing filters. The HD
•
Versatile Input Biasing:
filters can be bypassed to support 1080p60 video or
up to super extended graphics array (SXGA) RGB
–
DC-Coupled with 210-mV Output Shift
video.
–
AC-Coupled with Sync-Tip Clamp or Bias
The device has flexible input coupling capabilities,
•
Built-In 6-dB Gain (2 V/V)
and can be configured for either ac- or dc-coupled
•
+3-V to +5-V Single-Supply Operation
inputs. The 210-mV output level shift allows for a full
•
Rail-to-Rail Output:
sync dynamic range at the output with a 0-V input.
The device's rail-to-rail output stage with 6-dB gain
–
Allows AC or DC Output Coupling
allows for both ac and dc line driving. The ability to
–
Supports Driving Two Video Lines per
drive two lines, or 75-
Ω loads, allows for maximum
Channel
flexibility as a video line driver. The 30.9-mA total
•
Low Total Quiescent Current: 30.9 mA at 3.3 V
quiescent current at 3.3 V and 0.1-µA disable mode
makes the THS7376 an excellent choice for high-
•
Disabled Supply Current Function: 0.1
μA
performance video applications.
•
Robust, 10-kV ESD Protection on Outputs
The THS7376 is available in a small TSSOP-14
•
Pin-Compatible with the THS7373 and
package that is RoHS compliant. The device is pin-
THS7374
compatible with the THS7373 and THS7374 video
filter amplifiers from Texas Instruments.
Single-Supply, DC Input and DC Output Coupled Video Line Driver
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
BluRay is a trademark of Blu-ray Disc Association (BDA).
3
Macrovision is a registered trademark of Macrovision Corporation.
4
: is a trademark of others.
PRODUCTION DATA information is current as of publication date.
Copyright © 2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - THS7376IPWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS7376 TI1-THS7376 Datasheet
3Mb / 62P
4-Channel Video Amplifier with One SD and Three HD 8th-Order Filters with 6-dB Gain
THS7376 TI1-THS7376_14 Datasheet
3Mb / 62P
4-Channel Video Amplifier with One SD and Three HD 8th-Order Filters with 6-dB Gain
More results

Similar Description - THS7376IPWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS7374 TI-THS7374 Datasheet
817Kb / 37P
4-Channel SDTV Video Amplifier with 6th-Order Filters and 6-dB Gain
THS7365 TI-THS7365 Datasheet
1Mb / 53P
6-Channel Video Amplifier with 3-SD and 3-HD Sixth-Order Filters and 6-dB Gain
THS7368 TI-THS7368 Datasheet
978Kb / 39P
6-Channel Video Amplifier with 3-SD and 3-SD/ED/HD/Full-HD Filters and 6-dB Gain
THS7373 TI-THS7373 Datasheet
1Mb / 49P
4-Channel Video Amplifier with 1-SD and 3-HD Sixth-Order Filters and 6-dB Gain
THS7373 TI-THS7373_10 Datasheet
1Mb / 50P
4-Channel Video Amplifier with 1-SD and 3-HD Sixth-Order Filters and 6-dB Gain
THS7364 TI-THS7364_10 Datasheet
1Mb / 47P
6-Channel Video Amplifier with 3 SD and 3 Full-HD Filters with 6-dB Gain
THS7372 TI1-THS7372 Datasheet
1Mb / 49P
4-Channel Video Amplifier with One CVBS and Three Full-HD Filters with 6-dB Gain
THS7364 TI1-THS7364_14 Datasheet
1Mb / 49P
6-Channel Video Amplifier with 3 SD and 3 Full-HD Filters with 6-dB Gain
THS7368 TI1-THS7368_14 Datasheet
1,010Kb / 41P
6-Channel Video Amplifier with 3-SD and 3-SD/ED/HD/Full-HD Filters and 6-dB Gain
THS7376 TI1-THS7376_14 Datasheet
3Mb / 62P
4-Channel Video Amplifier with One SD and Three HD 8th-Order Filters with 6-dB Gain
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com