Electronic Components Datasheet Search
  English  ▼

X  

THS7376IPWR Datasheet(PDF) 24 Page - Texas Instruments

Click here to check the latest version.
Part # THS7376IPWR
Description  4-Channel Video Amplifier with One SD and Three HD 8th-Order Filters with 6-dB Gain
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS7376IPWR Datasheet(HTML) 24 Page - Texas Instruments

Back Button THS7376IPWR Datasheet HTML 20Page - Texas Instruments THS7376IPWR Datasheet HTML 21Page - Texas Instruments THS7376IPWR Datasheet HTML 22Page - Texas Instruments THS7376IPWR Datasheet HTML 23Page - Texas Instruments THS7376IPWR Datasheet HTML 24Page - Texas Instruments THS7376IPWR Datasheet HTML 25Page - Texas Instruments THS7376IPWR Datasheet HTML 26Page - Texas Instruments THS7376IPWR Datasheet HTML 27Page - Texas Instruments THS7376IPWR Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 61 page
background image
−100
−90
−80
−70
−60
−50
1M
10M
100M
Frequency (Hz)
SD into HD1
SD into HD2
SD into HD3
VS+ = 5 V
G062
−100
−90
−80
−70
−60
−50
−40
−30
1M
10M
100M
1G
Frequency (Hz)
SD into HD1
SD into HD2
SD into HD3
VS+ = 5 V
G063
THS7376
SBOS692 – JUNE 2013
www.ti.com
TYPICAL CHARACTERISTICS: 5-V Standard-Definition (SD) Channel (continued)
At load = 150
Ω || 5 pF and dc-coupled input and output, unless otherwise noted.
Figure 74. SD-TO-HD CROSSTALK vs FREQUENCY
Figure 75. SD-TO-HD BYPASS CROSSTALK vs
FREQUENCY
24
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: THS7376



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com