Electronic Components Datasheet Search
  English  ▼

X  

THS7376IPWR Datasheet(PDF) 23 Page - Texas Instruments

Click here to check the latest version.
Part # THS7376IPWR
Description  4-Channel Video Amplifier with One SD and Three HD 8th-Order Filters with 6-dB Gain
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS7376IPWR Datasheet(HTML) 23 Page - Texas Instruments

Back Button THS7376IPWR Datasheet HTML 19Page - Texas Instruments THS7376IPWR Datasheet HTML 20Page - Texas Instruments THS7376IPWR Datasheet HTML 21Page - Texas Instruments THS7376IPWR Datasheet HTML 22Page - Texas Instruments THS7376IPWR Datasheet HTML 23Page - Texas Instruments THS7376IPWR Datasheet HTML 24Page - Texas Instruments THS7376IPWR Datasheet HTML 25Page - Texas Instruments THS7376IPWR Datasheet HTML 26Page - Texas Instruments THS7376IPWR Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 61 page
background image
-0.5
0
0.5
1
1.5
2
2.5
3
3.5
0
50 100 150 200 250 300 350 400 450 500 550 600
Time (ns)
C074
Enable Input Voltage
Enabled
Disabled
V
S+ = 5 V
Output Voltage
0
10
20
30
40
50
0.5
1
1.5
2
2.5
Output Voltage (V)
VS+ = 5 V
Positive and Negative Slew Rates
G061
-3.35
-2.35
-1.35
-0.35
0.65
1.65
-0.4
0.6
1.6
2.6
3.6
4.6
±100
0
100
200
300
400
500
600
700
800
900
Time (ns)
C071
Input Voltage Waveforms
Output Voltage
Waveforms
Input
t
R, tF = 120 ns
Input t
R, tF = 1 ns
Input
t
R, tF = 120 ns
Input
t
R, tF = 1 ns
V
S+ = 5 V
0.35
0.45
0.55
0.65
0.75
0.85
1.45
1.55
1.65
1.75
1.85
1.95
±100
0
100
200
300
400
500
600
700
800
900
Time (ns)
C072
Input Voltage Waveforms
Output Voltage
Waveforms
V
S+ = 5 V
Input
t
R, tF = 120 ns
Input t
R, tF = 1 ns
Input
t
R, tF = 120 ns
Input
t
R, tF = 1 ns
−60
−50
−40
−30
−20
−10
0
10
100k
1M
10M
100M
1G
Frequency (Hz)
CL = 1.3 pF
CL = 5 pF
CL = 9.5 pF
CL = 16.3 pF
CL = 19.3 pF
VS+ = 5 V
Load = 150
Ω || C
L
VOUT = 200 mVPP
Input Bias = 0.65 VDC
DC−Coupled Output
G058
−90
−80
−70
−60
−50
1M
8M
Frequency (Hz)
VOUT = 0.5 VPP
VOUT = 1 VPP
VOUT = 1.4 VPP
VOUT = 2 VPP
VOUT = 2.5 VPP
VS+ = 5 V
Input Bias = 1 VDC
DC−Coupled Output
G059
THS7376
www.ti.com
SBOS692 – JUNE 2013
TYPICAL CHARACTERISTICS: 5-V Standard-Definition (SD) Channel (continued)
At load = 150
Ω || 5 pF and dc-coupled input and output, unless otherwise noted.
Figure 68. SD SMALL-SIGNAL GAIN vs FREQUENCY
Figure 69. SD THD vs FREQUENCY
Figure 70. SD LARGE-SIGNAL PULSE RESPONSE vs TIME
Figure 71. SD SMALL-SIGNAL PULSE RESPONSE vs TIME
Figure 72. SD SLEW RATE vs OUTPUT VOLTAGE
Figure 73. SD ENABLE AND DISABLE RESPONSE vs TIME
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
23
Product Folder Links: THS7376



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com