Electronic Components Datasheet Search
  English  ▼

X  

THS7376IPWR Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # THS7376IPWR
Description  4-Channel Video Amplifier with One SD and Three HD 8th-Order Filters with 6-dB Gain
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS7376IPWR Datasheet(HTML) 3 Page - Texas Instruments

  THS7376IPWR Datasheet HTML 1Page - Texas Instruments THS7376IPWR Datasheet HTML 2Page - Texas Instruments THS7376IPWR Datasheet HTML 3Page - Texas Instruments THS7376IPWR Datasheet HTML 4Page - Texas Instruments THS7376IPWR Datasheet HTML 5Page - Texas Instruments THS7376IPWR Datasheet HTML 6Page - Texas Instruments THS7376IPWR Datasheet HTML 7Page - Texas Instruments THS7376IPWR Datasheet HTML 8Page - Texas Instruments THS7376IPWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 61 page
background image
THS7376
www.ti.com
SBOS692 – JUNE 2013
RECOMMENDED OPERATING CONDITIONS
MIN
NOM
MAX
UNIT
Supply voltage, VS+
3
5.25
V
Ambient temperature, TA
–40
+25
+85
°C
ELECTRICAL CHARACTERISTICS: VS+ = +3.3 V
At TA = +25°C, RL = 150 Ω to GND, CLOAD = 5 pF, filter mode, and dc-coupled input and output, unless otherwise noted.
See Figure 123 and Figure 124.
TEST
LEVEL
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
(1)
AC PERFORMANCE: SD (CVBS) CHANNEL
BW(PB)
Passband bandwidth
–1 dB, VO = 0.2 VPP and 2 VPP
7.5
9
11.5
MHz
B
Small- and large-signal
–3 dB, VO = 0.2 VPP and 2 VPP
8.2
10
12
MHz
B
bandwidth
With respect to 500 kHz(2), f = 6.75 MHz
–1
–0.1
0.9
dB
B
Attenuation
With respect to 500 kHz(2), f = 27 MHz
38
46
dB
B
Group delay
f = 100 kHz
68
ns
C
Group delay variation
f = 5.1 MHz with respect to 100 kHz
10
ns
C
NTSC
0.2%
C
Differential gain
PAL
0.2%
C
NTSC
0.3
Degrees
C
Differential phase
PAL
0.3
Degrees
C
f = 1 MHz, VO = 1.4 VPP
–70
dB
C
THD
Total harmonic distortion
f = 6 MHz, VO = 1.4 VPP
–62
dB
C
100 kHz to 6 MHz, non-weighted
70
dB
C
SNR
Signal-to-noise ratio
100 kHz to 6 MHz, unified weighting
78
dB
C
All channels, TA = +25°C
5.7
6
6.3
dB
A
G
Gain
All channels, TA = –40°C to +85°C
5.65
6.35
dB
B
f = 6.75 MHz
0.7
Ω
C
Output impedance
Disabled
20 || 3
k
Ω || pF
C
Return loss(3)
f = 6.75 MHz
46
dB
C
Crosstalk
f = 1 MHz, SD channel to HD channels
–90
dB
C
(1)
Test levels: (A) 100% tested at +25°C. Over temperature limits set by characterization and simulation. (B) Limits set by characterization
and simulation only. (C) Typical value only for information.
(2)
3.3-V supply filter specifications are ensured by 100% testing at a 5-V supply with design and characterization.
(3)
Return loss is calculated assuming an ideal 75-
Ω external series resistor along with the THS7376 channel output impedance into an
ideal 75-
Ω end-termination resistance.
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: THS7376



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com