Electronic Components Datasheet Search
  English  ▼

X  

THS7376IPWR Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # THS7376IPWR
Description  4-Channel Video Amplifier with One SD and Three HD 8th-Order Filters with 6-dB Gain
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS7376IPWR Datasheet(HTML) 12 Page - Texas Instruments

Back Button THS7376IPWR Datasheet HTML 8Page - Texas Instruments THS7376IPWR Datasheet HTML 9Page - Texas Instruments THS7376IPWR Datasheet HTML 10Page - Texas Instruments THS7376IPWR Datasheet HTML 11Page - Texas Instruments THS7376IPWR Datasheet HTML 12Page - Texas Instruments THS7376IPWR Datasheet HTML 13Page - Texas Instruments THS7376IPWR Datasheet HTML 14Page - Texas Instruments THS7376IPWR Datasheet HTML 15Page - Texas Instruments THS7376IPWR Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 61 page
background image
−60
−50
−40
−30
−20
−10
0
10
100k
1M
10M
100M
1G
Frequency (Hz)
TA = −40°C
TA = 25°C
TA = 85°C
VS+ = 3.3 V
Load = 150
Ω || 5 pF
VOUT = 200 mVPP
Input Bias = 0.65 VDC
DC−Coupled Output
G010
2
2.5
3
3.5
4
4.5
5
5.5
6
6.5
7
100k
1M
10M
100M
Frequency (Hz)
TA = −40°C
TA = 25°C
TA = 85°C
VS+ = 3.3 V
Load = 150
Ω || 5 pF
VOUT = 200 mVPP
Input Bias = 0.65 VDC
DC−Coupled Output
G011
−60
−50
−40
−30
−20
−10
0
10
100k
1M
10M
100M
1G
Frequency (Hz)
DC−Coupled Output
AC−Coupled Output
VS+ = 3.3 V
Load = 150
Ω || 5 pF
VOUT = 200 mVPP
Input Bias = 0.65 VDC
G008
2
2.5
3
3.5
4
4.5
5
5.5
6
6.5
7
100k
1M
10M
100M
Frequency (Hz)
DC−Coupled Output
AC−Coupled Output
VS+ = 3.3 V
Load = 150
Ω || 5 pF
VOUT = 200 mVPP
Input Bias = 0.65 VDC
G009
−70
−60
−50
−40
−30
−20
−10
0
10
100k
1M
10M
100M
1G
Frequency (Hz)
VOUT = 200 mVPP
VOUT = 2 VPP
VS+ = 3.3 V
Load = 150
Ω || 5 pF
Input Bias = 0.65 VDC
DC−Coupled Output
G006
2
2.5
3
3.5
4
4.5
5
5.5
6
6.5
7
100k
1M
10M
100M
Frequency (Hz)
VOUT = 200 mVPP
VOUT = 2 VPP
VS+ = 3.3 V
Load = 150
Ω || 5 pF
Input Bias = 0.65 VDC
DC−Coupled Output
G007
THS7376
SBOS692 – JUNE 2013
www.ti.com
TYPICAL CHARACTERISTICS: 3.3-V Standard-Definition (SD) Channel (continued)
At load = 150
Ω || 5 pF and dc-coupled input and output, unless otherwise noted.
Figure 7. SD LARGE-SIGNAL GAIN vs FREQUENCY
Figure 8. SD LARGE-SIGNAL GAIN vs FREQUENCY
Figure 9. SD SMALL-SIGNAL GAIN vs FREQUENCY
Figure 10. SD SMALL-SIGNAL GAIN vs FREQUENCY
Figure 11. SD SMALL-SIGNAL GAIN vs FREQUENCY
Figure 12. SD SMALL-SIGNAL GAIN vs FREQUENCY
12
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: THS7376



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com