Electronic Components Datasheet Search
  English  ▼

X  

MPC9600AE Datasheet(PDF) 3 Page - Integrated Device Technology

Part # MPC9600AE
Description  Low Voltage, 2.5V and 3.3V LVCMOS PLL Clock Driver
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

MPC9600AE Datasheet(HTML) 3 Page - Integrated Device Technology

  MPC9600AE Datasheet HTML 1Page - Integrated Device Technology MPC9600AE Datasheet HTML 2Page - Integrated Device Technology MPC9600AE Datasheet HTML 3Page - Integrated Device Technology MPC9600AE Datasheet HTML 4Page - Integrated Device Technology MPC9600AE Datasheet HTML 5Page - Integrated Device Technology MPC9600AE Datasheet HTML 6Page - Integrated Device Technology MPC9600AE Datasheet HTML 7Page - Integrated Device Technology MPC9600AE Datasheet HTML 8Page - Integrated Device Technology MPC9600AE Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
MPC9600 REVISION 6 JANUARY 7, 2013
3
©2013 Integrated Device Technology, Inc.
MPC9600 Data Sheet
LOW VOLTAGE, 2.5V AND 3.3V LVCMOS PLL CLOCK DRIVER
Figure 2. 48-Lead Package Pinout (Top View)
Table 1. Pin Configuration – 48 LQFP
Pin
I/O
Type
Description
PCLK, PCLK
Input
PECL
Differential reference clock frequency input
CCLK
Input
LVCMOS
Reference clock input
FB_IN
Input
LVCMOS
PLL feedback clock input
QAn
Output
LVCMOS
Bank A outputs
QBn
Output
LVCMOS
Bank B outputs
QCn
Output
LVCMOS
Bank C outputs
QFB
Output
LVCMOS
Differential feedback output
REF_SEL
Input
LVCMOS
Reference clock input select
FSELA
Input
LVCMOS
Selection of bank A output frequency
FSELB
Input
LVCMOS
Selection of bank B output frequency
FSELC
Input
LVCMOS
Selection of bank C output frequency
FSEL_FB
Input
LVCMOS
Selection of feedback frequency
OE
Input
LVCMOS
Output enable
VCCA
Power supply
Analog power supply and PLL bypass. An external VCC filter is recommended for VCCA
VCC
Power supply
Core power supply
GND
Ground
Ground
GND
QA3
QA2
VCC
QA1
QA0
GND
VCC
QC3
QC4
GND
QC5
QC6
41
42
43
44
45
46
47
48
19
18
17
16
15
14
13
12
3
4
5
6
78
36
35
34
33
32
31
30
29
20
MPC9600
FB_IN
OE
VCC
910
11
12
GND
QC0
QC1
QC2
23
22
21
24
28
27
26
25
VCC
QA6
QA5
37
38
39
40
QA4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com