Electronic Components Datasheet Search
  English  ▼

X  

MPC9600AE Datasheet(PDF) 6 Page - Integrated Device Technology

Part # MPC9600AE
Description  Low Voltage, 2.5V and 3.3V LVCMOS PLL Clock Driver
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

MPC9600AE Datasheet(HTML) 6 Page - Integrated Device Technology

Back Button MPC9600AE Datasheet HTML 2Page - Integrated Device Technology MPC9600AE Datasheet HTML 3Page - Integrated Device Technology MPC9600AE Datasheet HTML 4Page - Integrated Device Technology MPC9600AE Datasheet HTML 5Page - Integrated Device Technology MPC9600AE Datasheet HTML 6Page - Integrated Device Technology MPC9600AE Datasheet HTML 7Page - Integrated Device Technology MPC9600AE Datasheet HTML 8Page - Integrated Device Technology MPC9600AE Datasheet HTML 9Page - Integrated Device Technology MPC9600AE Datasheet HTML 10Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
MPC9600 REVISION 6 JANUARY 7, 2013
6
©2013 Integrated Device Technology, Inc.
MPC9600 Data Sheet
LOW VOLTAGE, 2.5V AND 3.3V LVCMOS PLL CLOCK DRIVER
Table 7. AC Characteristics – 48 LQFP (VCC = 3.3 V ± 5% or VCC = 2.5 V ± 5%, TA = –40°C to +85°C)(1)
1. AC characteristics are applicable over the entire ambient temperature and supply voltage range and are production tested. AC
characteristics apply for parallel output termination of 50
 to VTT.
Symbol
Characteristics
Min
Typ
Max
Unit
Condition
fref
Input Frequency
 8 feedback (FSEL_FB = 0)
 12 feedback (FSEL_FB = 1)
Static test mode (VCCA = GND)
25
16.67
0
50
33
500
MHz
MHz
MHz
PLL locked
PLL locked
VCCA = GND
fVCO
VCO Frequency
200
400
MHz
fMAX
Maximum Output Frequency
 2 outputs (FSELx = 0)
 4 outputs (FSELx = 1)
100
50
200
100
MHz
MHz
PLL locked
PLL locked
frefDC
Reference Input Duty Cycle
25
75
%
VPP
Peak-to-Peak Input Voltage
PCLK, PCLK
500
1000
mV
LVPECL
VCMR(2)
2. VCMR (AC) is the crosspoint of the differential input signal. Normal AC operation is obtained when the crosspoint is within the VCMR range
and the input swing lies within the VPP (AC) specification. Violation of VCMR or VPP impacts static phase offset t().
Common Mode Range
PCLK, PCLK (VCC = 3.3 V 5%)
PCLK, PCLK (VCC = 2.5 V 5%)
1.2
1.2
VCC –0.8
VCC –0.6
V
V
LVPECL
LVPECL
tr, tf
CCLK Input Rise/Fall Time
1.0
ns
see Figure 11
t()
Propagation Delay (static phase offset)
CCLK to FB_IN
PECL_CLK to FB_IN
–60
+30
+40
+130
+140
+230
ps
ps
PLL locked
PLL locked
tsk(o)
Output-to-Output Skew
all outputs, single frequency
all outputs, multiple frequency
within QAx output bank
within QBx outputs
within QCx outputs
70
70
30
40
30
150
150
75
125
75
ps
ps
ps
ps
ps
Measured at
coincident rising
edge
DC
Output Duty Cycle
45
50
55
%
tr, tf
Output Rise/Fall Time
0.1
1.0
ns
see Figure 11
tPLZ, HZ
Output Disable Time
10
ns
tPZL, ZH
Output Enable Time
10
ns
BW
PLL Closed Loop Bandwidth
 8 feedback (FSEL_FB=0)
 12 feedback (FSEL_FB=1)
1.0 – 10
0.6 – 4.0
MHz
MHz
–3 dB point of PLL
transfer
characteristic
tJIT(CC)
Cycle-to-Cycle Jitter(3)
All outputs in
2 configuration
All outputs in
4 configuration
40
40
130
180
ps
ps
Refer to
application
section for other
configurations
tJIT(PER)
Period Jitter(3)
All outputs in
2 configuration
All outputs in
4 configuration
3. Cycle-to-cycle and period jitter depends on output divider configuration.
25
20
70
100
ps
ps
Refer to
application
section for other
configurations
tJIT()
I/O Phase Jitter (1
)VCC = 3.3 V
VCC = 2.5 V
17(4)
15(3)
4. See Applications Information section for max I/O phase jitter versus frequency.
ps
ps
RMS value at
fVCO = 400 MHz
tLOCK
Maximum PLL Lock Time
5.0
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com