Electronic Components Datasheet Search
  English  ▼

X  

MPC9600AE Datasheet(PDF) 1 Page - Integrated Device Technology

Part # MPC9600AE
Description  Low Voltage, 2.5V and 3.3V LVCMOS PLL Clock Driver
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

MPC9600AE Datasheet(HTML) 1 Page - Integrated Device Technology

  MPC9600AE Datasheet HTML 1Page - Integrated Device Technology MPC9600AE Datasheet HTML 2Page - Integrated Device Technology MPC9600AE Datasheet HTML 3Page - Integrated Device Technology MPC9600AE Datasheet HTML 4Page - Integrated Device Technology MPC9600AE Datasheet HTML 5Page - Integrated Device Technology MPC9600AE Datasheet HTML 6Page - Integrated Device Technology MPC9600AE Datasheet HTML 7Page - Integrated Device Technology MPC9600AE Datasheet HTML 8Page - Integrated Device Technology MPC9600AE Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
DATASHEET
Low Voltage, 2.5V and 3.3V LVCMOS
PLL Clock Driver
MPC9600
NRND
MPC9600 REVISION 6 JANUARY 7, 2013
1
©2013 Integrated Device Technology, Inc.
The MPC9600 is a low voltage 2.5 V or 3.3 V compatible, 1:21 PLL based clock driver
and fanout buffer. With output frequencies up to 200 MHz and output skews of 150 ps, the
device meets the needs of the most demanding clock tree applications.
Features
•
Multiplication of Input Frequency by 2, 3, 4, and 6
•
Distribution of Output Frequency to 21 Outputs Organized in Three Output Banks:
QA0-QA6, QB0-QB6, QC0-QC6, Each Fully Selectable
•
Fully Integrated PLL
•
Selectable Output Frequency Range Is 50 to 100 MHz and 100 to 200 MHz
•
Selectable Input Frequency Range Is 16.67 to 33 MHz and 25 to 50 MHz
•
LVCMOS Outputs
•
Outputs Disable to High Impedance (Except QFB)
•
LVCMOS or LVPECL Reference Clock Options
•
48-Lead QFP Packaging, Pb-Free
•
50 ps Cycle-to-Cycle Jitter
•
150 ps Maximum Output-to-Output Skew
•
200 ps Maximum Static Phase Offset Window
•
NRND – Not Recommend for New Designs
Functional Description
The MPC9600 is a fully LVCMOS 2.5 V or 3.3 V compatible PLL clock driver. The MPC9600 has the capability to generate clock signals
of 50 to 200 MHz from clock sources of 16.67 to 50 MHz. The internal PLL is optimized for this frequency range and does not require
external loop filter components. QFB provides an output for the external feedback path to the feedback input FB_IN. The QFB divider ratio
is configurable and determines the PLL frequency multiplication factor when QFB is directly connected to FB_IN. The MPC9600 is
optimized for minimizing the propagation delay between the clock input and FB_IN.
Three output banks of 7 outputs each bank can be individually configured to divide the VCO frequency by 2 or by 4. Combining the
feedback and output divider ratios, the MPC9600 is capable to multiply the input frequency by 2, 3, 4, and 6.
The reference clock is selectable either LVPECL or LVCMOS. The LVPECL reference clock feature allows the designer to use LVPECL
fanout buffers for the inner branches of the clock distribution tree. All control inputs accept LVCMOS compatible levels. The outputs provide
low impedance LVCMOS outputs capable of driving parallel terminated 50
 transmission to VTT =VCC/2. For series terminated lines the
MPC9600 can drive two lines per output giving the device an effective total fanout of 1:42. With guaranteed maximum output-to-output
skew of 150 ps, the MPC9600 PLL clock driver meets the synchronization requirements of the most demanding systems.
The VCCA analog power pin doubles as a PLL bypass select line for test purpose. When the VCCA is driven to GND the reference clock
will bypass the PLL.
The device is packaged in a 48-lead LQFP package to provide optimum combination of board density and performance.
3.3 V OR 2.5 V
LOW VOLTAGE CMOS
PLL CLOCK DRIVER
AE SUFFIX
48-LEAD LQFP PACKAGE
Pb-FREE PACKAGE
CASE 932-03
SCALE 2:1
NRND – Not Recommend for New Designs


Similar Part No. - MPC9600AE

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPC9600 MOTOROLA-MPC9600 Datasheet
321Kb / 16P
LOW VOLTAGE 2.5 V AND 3.3 V CMOS PLL CLOCK DRIVER
logo
Freescale Semiconductor...
MPC9600FA FREESCALE-MPC9600FA Datasheet
326Kb / 16P
LOW VOLTAGE 2.5V AND 3.3 V CMOS PLL CLOCK DRIVER
More results

Similar Description - MPC9600AE

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPC9446 MOTOROLA-MPC9446 Datasheet
217Kb / 12P
2.5V and 3.3V LVCMOS Clock Fanout Buffer
MPC9443 MOTOROLA-MPC9443 Datasheet
333Kb / 16P
2.5V AND 3.3V LVCMOS CLOCK FANOUT BUFFER
MPC9330 MOTOROLA-MPC9330 Datasheet
225Kb / 16P
3.3V / 2.5V 1:6 LVCMOS PLL CLOCK GENERATOR
logo
Freescale Semiconductor...
MPC9456 FREESCALE-MPC9456 Datasheet
292Kb / 12P
2.5V AND 3.3V LVCMOS CLOCK FANOUT BUFFER
logo
Motorola, Inc
MPC9315 MOTOROLA-MPC9315 Datasheet
183Kb / 16P
2.5V and 3.3V CMOS PLL Clock Generator and Driver
logo
Integrated Device Techn...
MPC9446 IDT-MPC9446 Datasheet
708Kb / 11P
3.3V AND 2.5V, LVCMOS CLOCK FANOUT BUFFER
logo
PulseCore Semiconductor
PCS2I99446 PULSECORE-PCS2I99446 Datasheet
579Kb / 14P
2.5V and 3.3V LVCMOS Clock Distribution Buffer
logo
Integrated Device Techn...
MPC9446AC IDT-MPC9446AC Datasheet
376Kb / 12P
3.3V and 2.5V, LVCMOS Clock Fanout Buffer
logo
Renesas Technology Corp
MPC9315 RENESAS-MPC9315 Datasheet
441Kb / 19P
2.5V and 3.3V CMOS PLL Clock Generator and Driver
October 4, 2016
MPC9446 RENESAS-MPC9446 Datasheet
363Kb / 13P
3.3V and 2.5V, LVCMOS Clock Fanout Buffer
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com