Electronic Components Datasheet Search
  English  ▼

X  

MPC9600AE Datasheet(PDF) 12 Page - Integrated Device Technology

Part # MPC9600AE
Description  Low Voltage, 2.5V and 3.3V LVCMOS PLL Clock Driver
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

MPC9600AE Datasheet(HTML) 12 Page - Integrated Device Technology

Back Button MPC9600AE Datasheet HTML 7Page - Integrated Device Technology MPC9600AE Datasheet HTML 8Page - Integrated Device Technology MPC9600AE Datasheet HTML 9Page - Integrated Device Technology MPC9600AE Datasheet HTML 10Page - Integrated Device Technology MPC9600AE Datasheet HTML 11Page - Integrated Device Technology MPC9600AE Datasheet HTML 12Page - Integrated Device Technology MPC9600AE Datasheet HTML 13Page - Integrated Device Technology MPC9600AE Datasheet HTML 14Page - Integrated Device Technology MPC9600AE Datasheet HTML 15Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
MPC9600 REVISION 6 JANUARY 7, 2013
12
©2013 Integrated Device Technology, Inc.
MPC9600 Data Sheet
LOW VOLTAGE, 2.5V AND 3.3V LVCMOS PLL CLOCK DRIVER
Figure 14. Propagation Delay (tØ, status phase offset)
Test Reference
Figure 16. Output Duty Cycle (DC)
Figure 18. Cycle-to-Cycle Jitter
Figure 19. Period Jitter
Figure 21. Transition Time Test Reference
tP
The time from the PLL controlled edge to the non controlled edge, divided
by the time between PLL controlled edges, expressed as a percentage
VCC
VCC 2
GND
T0
DC = tP/T0 x 100%
The variation in cycle time of a signal between adjacent cycles, over a random
sample of adjacent cycle pairs
TN
TJIT(CC) = |TN–TN+1|
TN+1
The deviation in cycle time of a signal with respect to the ideal period
over a random sample of cycles
TJIT(P) = |TN–1/f0|
T0
tF
tR
VCC = 3.3 V
2.4
0.55
VCC
VCC 2
GND
t()
PCLK
FB_IN
PCLK
VPP
VCMR
t()
VCC
VCC 2
GND
VCC
VCC 2
GND
TCLK
FB_IN
Figure 15. Propagation Delay (tØ) Test Reference
The pin-to-pin skew is defined as the worst case difference in propagation delay
between any similar delay path within a single device
VCC
VCC 2
GND
VCC
VCC 2
GND
tSK(O)
Figure 17. Output-to-Output Skew tSK(O)
TJIT() = |T0–T1mean|
CCLK
FB_IN
The deviation in T0 for a controlled edge with respect to a T0
mean in a random sample of cycles
(PCLK)
Figure 20. I/O Jitter
VCC = 2.5 V
1.8
0.6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com