Electronic Components Datasheet Search
  English  ▼

X  

ICS810001-21 Datasheet(PDF) 6 Page - Integrated Device Technology

Part # ICS810001-21
Description  FemtoClock Dual VCXO Video PLL One LVCMOS/LVTTL clock output
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS810001-21 Datasheet(HTML) 6 Page - Integrated Device Technology

Back Button ICS810001-21 Datasheet HTML 2Page - Integrated Device Technology ICS810001-21 Datasheet HTML 3Page - Integrated Device Technology ICS810001-21 Datasheet HTML 4Page - Integrated Device Technology ICS810001-21 Datasheet HTML 5Page - Integrated Device Technology ICS810001-21 Datasheet HTML 6Page - Integrated Device Technology ICS810001-21 Datasheet HTML 7Page - Integrated Device Technology ICS810001-21 Datasheet HTML 8Page - Integrated Device Technology ICS810001-21 Datasheet HTML 9Page - Integrated Device Technology ICS810001-21 Datasheet HTML 10Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
ICS810001DK-21 REVISION B APRIL 13, 2010
6
©2010 Integrated Device Technology, Inc.
ICS810001-21 Data Sheet
FEMTOCLOCK™ DUAL VCXO VIDEO PLL
Table 3D. CLK_SEL Function Table
Table 3E. MR Master Reset Function Table
Table 3F. FemtoCLock PLL Feedback Divider Function Table
Table 3G. PLL Output Divider Function Table
Table 3H. PLL BYPASS Logic Function Table
Input
Operation
CLK_SEL
0 (default)
Selects CLK0 as PLL reference input.
1
Selects CLK1 as PLL reference input.
Input
Operation
MR
0 (default)
Normal operation, internal dividers and the output Q are enabled.
1
Internal dividers are reset. Q output is in logic low state (with OE = 1).
Input
Operation
MF
0 (default)
Selects MF = 22. The 2nd stage PLL (FemtoClock. multiplies the output frequency of the VCXO-PLL by 22.
1
Selects MF = 24. The 2nd stage PLL (FemtoClock. multiplies the output frequency of the VCXO-PLL by 24.
Input
Operation
N1
N0
0 (default)
0 (default)
Output divider N = 4.
0
1
Output divider N = 8.
1
0
Output divider N = 12.
1
1
Output divider N = 18.
Input
Operation
nBP1
nBP0
00
VCXO-PLL mode: The input reference frequency is divided by the pre-divider P and is multiplied by the
VCXO-PLL. fOUT = (fREF ÷ P) * M.
01
Test mode: The input reference frequency is divided by the pre-divider P and the output divider N and
bypasses both PLLs. fOUT = fREF ÷ (P * N).
10
FemtoClock Mode: The input reference frequency is divided by the pre-divider P multiplied by the 2nd PLL
(FemtoClock, MF). The 1st PLL (VCXO-PLL, M) is bypassed. This mode does not support jitter
attenuatiion. fOUT = (fREF ÷ P) * MF ÷ N.
1 (default)
1 (default)
Dual PLL Mode: both PLLs are cascaded for jitter attenuation and frequency multiplication.
fOUT = (fREF ÷ P) * M * MF ÷ N.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com