Electronic Components Datasheet Search
  English  ▼

X  

ICS810001-21 Datasheet(PDF) 1 Page - Integrated Device Technology

Part # ICS810001-21
Description  FemtoClock Dual VCXO Video PLL One LVCMOS/LVTTL clock output
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS810001-21 Datasheet(HTML) 1 Page - Integrated Device Technology

  ICS810001-21 Datasheet HTML 1Page - Integrated Device Technology ICS810001-21 Datasheet HTML 2Page - Integrated Device Technology ICS810001-21 Datasheet HTML 3Page - Integrated Device Technology ICS810001-21 Datasheet HTML 4Page - Integrated Device Technology ICS810001-21 Datasheet HTML 5Page - Integrated Device Technology ICS810001-21 Datasheet HTML 6Page - Integrated Device Technology ICS810001-21 Datasheet HTML 7Page - Integrated Device Technology ICS810001-21 Datasheet HTML 8Page - Integrated Device Technology ICS810001-21 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
DATA SHEET
ICS810001DK-21 REVISION B APRIL 13, 2010
1
©2010 Integrated Device Technology, Inc.
FemtoClock™ Dual VCXO Video PLL
ICS810001-21
General Description
The ICS810001-21 is a PLL based synchronous clock
generator that is optimized for digital video clock jitter
attenuation and frequency translation. The device
contains two internal frequency multiplication stages
that are cascaded in series. The first stage is a VCXO
PLL that is optimized to provide reference clock jitter attenuation,
and to support the complex PLL multiplication ratios needed for
video rate conversion. The second stage is a FemtoClock™
frequency multiplier that provides the low jitter, high frequency video
output clock.
Preset multiplication ratios are selected from internal lookup tables
using device input selection pins. The multiplication ratios are
optimized to support most common video rates used in professional
video system applications. The VCXO requires the use of an
external, inexpensive pullable crystal. Two crystal connections are
provided (pin selectable) so that both 60 and 59.94 base frame rates
can be supported. The VCXO requires external passive loop filter
components which are used to set the PLL loop bandwidth and
damping characteristics.
Features
• Jitter attenuation and frequency translation of video clock signals
• Supports SMPTE 292M, ITU-R Rec. 601/656 and
MPEG-transport clocks
• Support of High-Definition (HD) and Standard-Definition (SD)
pixel rates
• Dual VCXO-PLL supports both 60 and 59.94Hz base frame rates
in one device
• Supports both 1000/1001 and 1001/1000 rate conversions
• Dual PLL mode for high-frequency clock generation (36MHz to
148.5MHz)
• VCXO-PLL mode for low-frequency clock generation (27MHz and
26.973MHz)
• One LVCMOS/LVTTL clock output
• Two selectable LVCMOS/LVTTL clock inputs
• LVCMOS/LVTTL compatible control signals
• RMS phase jitter @148.3516MHz, (12kHz - 20MHz):
1.089ps (typical)
• 3.3V supply voltage
• 0°C to 70°C ambient operating temperature
• Available in both standard (RoHS 5) and lead-free (RoHS 6)
packages
Supported Input Frequencies
Supported Output Frequencies
HiPerClockS™
ICS
fVCXO = 27MHz
fVCXO = 26.973MHz
27.0000MHz
26.9730MHz
27.0270MHz
27.0000MHz
74.1758MHz
74.1016MHz
74.3243MHz
74.2499MHz
74.2500MHz
74.1758MHz
27.0270MHz
27.0000MHz
26.9730MHz
26.9461MHz
74.1758MHz
74.1016kHz
45.0000kHz
44.9550kHz
33.7500kHz
33.7163kHz
15.6250kHz
15.6094kHz
15.7343kHz
15.7185kHz
28.1250kHz
28.0969kHz
fVCXO = 27MHz
fVCXO = 26.973MHz
148.5000MHz
148.3515MHz
74.2500MHz
74.1758MHz
49.5000MHz
49.4505MHz
33.0000MHz
32.9670MHz
162.0000MHz
161.8380MHz
81.0000MHz
80.9190MHz
54.0000MHz
53.9460MHz
36.0000MHz
35.9640MHz
27.0000MHz
26.9730MHz


Similar Part No. - ICS810001-21

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS810001-21 ICST-ICS810001-21 Datasheet
243Kb / 21P
FEMTOCLOCKS-TM DUAL VCXO VIDEO PLL
REV. A AUGUST 12, 2005
More results

Similar Description - ICS810001-21

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS810001-22 IDT-ICS810001-22 Datasheet
813Kb / 18P
FemtoClock??Dual VCXO Video PLL
ICS840001I-25 IDT-ICS840001I-25 Datasheet
451Kb / 12P
FEMTOCLOCK LVCMOS LVTTL CLOCK GENERATOR
810001-22 IDT-810001-22_17 Datasheet
182Kb / 19P
FemtoClock??Dual VCXO Video PLL
8101925 IDT-8101925 Datasheet
196Kb / 11P
VCXO-to-LVCMOS/ LVTTL Output
840001I-25 IDT-840001I-25 Datasheet
274Kb / 13P
FemtoClock LVCMOS/LVTTL Clock Generator
810001-21 IDT-810001-21 Datasheet
241Kb / 19P
FemtoClock Dual VCXO Video PLL
logo
Renesas Technology Corp
810001-21 RENESAS-810001-21 Datasheet
457Kb / 20P
FemtoClock™ Dual VCXO Video PLL
March 3, 2016
810001-22 RENESAS-810001-22 Datasheet
377Kb / 20P
FemtoClock™ Dual VCXO Video PLL
8/14/15
840001I-25 RENESAS-840001I-25 Datasheet
462Kb / 14P
FemtoClock® LVCMOS/LVTTL Clock Generator
January 15, 2016
ICS810001I-21 RENESAS-ICS810001I-21 Datasheet
612Kb / 21P
FemtoClock® Dual VCXO Video PLL
MARCH 21, 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com