Electronic Components Datasheet Search
  English  ▼

X  

ICS810001-21 Datasheet(PDF) 11 Page - Integrated Device Technology

Part # ICS810001-21
Description  FemtoClock Dual VCXO Video PLL One LVCMOS/LVTTL clock output
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS810001-21 Datasheet(HTML) 11 Page - Integrated Device Technology

Back Button ICS810001-21 Datasheet HTML 7Page - Integrated Device Technology ICS810001-21 Datasheet HTML 8Page - Integrated Device Technology ICS810001-21 Datasheet HTML 9Page - Integrated Device Technology ICS810001-21 Datasheet HTML 10Page - Integrated Device Technology ICS810001-21 Datasheet HTML 11Page - Integrated Device Technology ICS810001-21 Datasheet HTML 12Page - Integrated Device Technology ICS810001-21 Datasheet HTML 13Page - Integrated Device Technology ICS810001-21 Datasheet HTML 14Page - Integrated Device Technology ICS810001-21 Datasheet HTML 15Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
ICS810001DK-21 REVISION B APRIL 13, 2010
11
©2010 Integrated Device Technology, Inc.
ICS810001-21 Data Sheet
FEMTOCLOCK™ DUAL VCXO VIDEO PLL
Applications Information
Recommendations for Unused Input Pins
Inputs:
CLK Inputs
For applications not requiring the use of a clock input, it can be left
floating. Though not required, but for additional protection, a 1k
Ω
resistor can be tied from the CLK input to ground.
LVCMOS Control Pins
All control pins have internal pullups or pulldowns; additional
resistance is not required but can be added for additional protection.
A 1k
Ω resistor can be used.
Power Supply Filtering Technique
As in any high speed analog circuitry, the power supply pins are
vulnerable to random noise. To achieve optimum jitter perform ance,
power supply isolation is required. The ICS810001-21 provides
separate power supplies to isolate any high switching noise from the
outputs to the internal PLL. VDD, VDDA, VDDO and VDDX should be
individually connected to the power supply plane through vias, and
0.01µF bypass capacitors should be used for each pin. Figure 1
illustrates this for a generic VDD pin and also shows that VDDA
requires that an additional 10
Ω resistor along with a 10µF bypass
capacitor be connected to the VDDA pin.
Figure 1. Power Supply Filtering
VDD
VDDX
VDDA
3.3V
10
Ω
10
Ω
10µF
.01µF
.01µF
10µF
.01µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com