Electronic Components Datasheet Search
  English  ▼

X  

ICS810001-21 Datasheet(PDF) 8 Page - Integrated Device Technology

Part # ICS810001-21
Description  FemtoClock Dual VCXO Video PLL One LVCMOS/LVTTL clock output
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS810001-21 Datasheet(HTML) 8 Page - Integrated Device Technology

Back Button ICS810001-21 Datasheet HTML 4Page - Integrated Device Technology ICS810001-21 Datasheet HTML 5Page - Integrated Device Technology ICS810001-21 Datasheet HTML 6Page - Integrated Device Technology ICS810001-21 Datasheet HTML 7Page - Integrated Device Technology ICS810001-21 Datasheet HTML 8Page - Integrated Device Technology ICS810001-21 Datasheet HTML 9Page - Integrated Device Technology ICS810001-21 Datasheet HTML 10Page - Integrated Device Technology ICS810001-21 Datasheet HTML 11Page - Integrated Device Technology ICS810001-21 Datasheet HTML 12Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
ICS810001DK-21 REVISION B APRIL 13, 2010
8
©2010 Integrated Device Technology, Inc.
ICS810001-21 Data Sheet
FEMTOCLOCK™ DUAL VCXO VIDEO PLL
Table 4B. LVCMOS/LVTTL DC Characteristics, VDD = VDDO = VDDX = 3.3V ± 5%, TA = 0°C to 70°C
AC Electrical Characteristics
Table 5. AC Characteristics, VDD = VDDO = VDDX = 3.3V ± 5%, TA = 0°C to 70°C
NOTE: Electrical parameters are guaranteed over the specified ambient operating temperature range, which is established when the device is
mounted in a test socket with maintained transverse airflow greater than 500 lfpm. The device will meet specifications after thermal equilibrium
has been reached under these conditions.
See Parameter Measurement Information Section.
NOTE 1: Refer to the Phase Noise Plot.
NOTE 2: Lock Time measured from power-up to stable output frequency.
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
VIH
Input High Voltage
2.0
VDD + 0.3
V
VIL
Input Low Voltage
-0.3
0.8
V
IIH
Input
High Current
CLK[0:1], CLK_SEL,
P[1:0], V[3:0], N[1:0],
MR, MF, XTAL_SEL
VDD = VIN = 3.465V
150
µA
OE, nBP0, nBP1
VDD = VIN = 3.465V
5
µA
IIL
Input
Low Current
CLK[0:1], CLK_SEL,
P[1:0], V[3:0], N[1:0],
MR, MF, XTAL_SEL
VDD = 3.465V, VIN = 0V
-5
µA
OE, nBP0, nBP1
VDD = 3.465, VIN = 0V
-150
µA
VOH
Output High Voltage
IOH = -24mA
2.6
V
VOL
Output Low Voltage
IOL = 24mA
0.5
V
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
fOUT
Output Frequency
nBP0, nBP1 = 00
14
35
MHz
nBP1 = 1
31
175
MHz
tjit(Ø)
RMS Phase Jitter, (Random),
NOTE 1
148.3516MHz,
Integration Range: 12kHz – 20MHz
1.089
ps
tR / tF
Output Rise/Fall Time
20% to 80%
250
750
ps
odc
Output Duty Cycle
48
52
%
tLOCK
VCXO & FemtoClock PLL
Lock Time; NOTE 2
M = 92, Bandwidth = 475Hz
100
ms
M = 4004, Bandwidth = 6Hz
25
s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com