Electronic Components Datasheet Search
  English  ▼

X  

ICS810001-21 Datasheet(PDF) 10 Page - Integrated Device Technology

Part # ICS810001-21
Description  FemtoClock Dual VCXO Video PLL One LVCMOS/LVTTL clock output
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS810001-21 Datasheet(HTML) 10 Page - Integrated Device Technology

Back Button ICS810001-21 Datasheet HTML 6Page - Integrated Device Technology ICS810001-21 Datasheet HTML 7Page - Integrated Device Technology ICS810001-21 Datasheet HTML 8Page - Integrated Device Technology ICS810001-21 Datasheet HTML 9Page - Integrated Device Technology ICS810001-21 Datasheet HTML 10Page - Integrated Device Technology ICS810001-21 Datasheet HTML 11Page - Integrated Device Technology ICS810001-21 Datasheet HTML 12Page - Integrated Device Technology ICS810001-21 Datasheet HTML 13Page - Integrated Device Technology ICS810001-21 Datasheet HTML 14Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
ICS810001DK-21 REVISION B APRIL 13, 2010
10
©2010 Integrated Device Technology, Inc.
ICS810001-21 Data Sheet
FEMTOCLOCK™ DUAL VCXO VIDEO PLL
Parameter Measurement Information
3.3V Output Load AC Test Circuit
Output Duty Cycle/Pulse Width/Period
Output Rise/Fall Time
Phase Jitter
LVCMOS
GND
Measurement Point
1.65V±5%
-1.65±5%
VDD,
VDDO,
VDDX
1.65V±5%
VDDA
t
PERIOD
t
PW
t
PERIOD
odc =
V
DDO
2
x 100%
t
PW
Q
20%
80%
80%
20%
tR
t F
Q
Offset Frequency
f
1
f
2
Phase Noise Plot
RMS Jitter = Area Under Offset Frequency Markers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com