Electronic Components Datasheet Search
  English  ▼

X  

MPC9449 Datasheet(PDF) 2 Page - Integrated Device Technology

Part # MPC9449
Description  3.3 V/2.5 V 1:15 PECL/LVCMOS Clock Fanout Buffer High-impedance output control
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

MPC9449 Datasheet(HTML) 2 Page - Integrated Device Technology

  MPC9449 Datasheet HTML 1Page - Integrated Device Technology MPC9449 Datasheet HTML 2Page - Integrated Device Technology MPC9449 Datasheet HTML 3Page - Integrated Device Technology MPC9449 Datasheet HTML 4Page - Integrated Device Technology MPC9449 Datasheet HTML 5Page - Integrated Device Technology MPC9449 Datasheet HTML 6Page - Integrated Device Technology MPC9449 Datasheet HTML 7Page - Integrated Device Technology MPC9449 Datasheet HTML 8Page - Integrated Device Technology MPC9449 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
PACKAGE DIMENSIONS
MPC9449 REVISION 6 DECEMBER 21, 2012
2
©2012 Integrated Device Technology, Inc.
MPC9449 Data Sheet
3.3V/2.5V 1:15 PECL/LVCMOS CLOCK FANOUT BUFFER
Figure 1. MPC9449 Logic Diagram
Figure 2. PC9449 52-Lead Package Pinout (Top View)
2
1
VCC
VCC
CCLK0
CCLK1
PCLK
PCLK
PCLK_SEL
QA0
DSELB
DSELC
MR/OE
DSELD
DSELA
QA1
QB0
QB1
QB2
QC0
QC1
QC2
QC3
QD0
QD1
QD2
QD3
QD4
QD5
CCLK_SEL
0
1
0
1
0
1
0
1
0
1
0
1
NC
VCC
QB2
GND
QB1
VCC
QB0
GND
GND
QA1
VCC
QA0
GND
NC
VCC
QD4
GND
QD3
VCC
QD2
GND
QD1
VCC
QD0
GND
NC
40
41
42
43
44
45
46
47
48
49
50
51
52
25
24
23
22
21
20
19
18
17
16
15
14
123 45 6 7 89 10 11 12 13
39 38 37 36 35 34 33 32 31 30 29 28 27
26
MPC9449



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com