Electronic Components Datasheet Search
  English  ▼

X  

MPC9449 Datasheet(PDF) 4 Page - Integrated Device Technology

Part # MPC9449
Description  3.3 V/2.5 V 1:15 PECL/LVCMOS Clock Fanout Buffer High-impedance output control
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

MPC9449 Datasheet(HTML) 4 Page - Integrated Device Technology

  MPC9449 Datasheet HTML 1Page - Integrated Device Technology MPC9449 Datasheet HTML 2Page - Integrated Device Technology MPC9449 Datasheet HTML 3Page - Integrated Device Technology MPC9449 Datasheet HTML 4Page - Integrated Device Technology MPC9449 Datasheet HTML 5Page - Integrated Device Technology MPC9449 Datasheet HTML 6Page - Integrated Device Technology MPC9449 Datasheet HTML 7Page - Integrated Device Technology MPC9449 Datasheet HTML 8Page - Integrated Device Technology MPC9449 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
MPC9449 REVISION 6 DECEMBER 21, 2012
4
©2012 Integrated Device Technology, Inc.
MPC9449 Data Sheet
3.3V/2.5V 1:15 PECL/LVCMOS CLOCK FANOUT BUFFER
Table 5. DC Characteristics (VCC = 3.3 V ± 5%, TA = –40C to 85°C)
Symbol
Characteristics
Min
Typ
Max
Unit
Condition
VIH
Input High Voltage
2.0
VCC  0.3
V
LVCMOS
VIL
Input Low Voltage
0.8
V
LVCMOS
VOH
Output High Voltage
2.4
V
IOH = –24 mA(1)
1. The MPC9449 is capable of driving 50
 transmission lines on the incident edge. Each output drives one 50  parallel terminated
transmission line to a termination voltage of VTT. Alternatively, the device drives up to two 50  series terminated transmission lines.
VPP
Peak-to-Peak Input Voltage
PCLK, PCLK
250
mV
LVPECL
VCMR(2)
2. VCMR (DC) is the crosspoint of the differential input signal. Functional operation is obtained when the crosspoint is within the VCMR range
and the input swing lies within the VPP (DC) specification.
Common Mode Range
PCLK, PCLK
1.0
VCC–0.6
V
LVPECL
VOL
Output Low Voltage
0.55
0.30
V
V
IOL = 24 mA
IOL = 12 mA
ZOUT
Output Impedance
14 – 17
IIN
Input Current
200
AVIN = VCC or GND
ICCQ
Maximum Quiescent Supply Current
10
mA
All VCC Pins
Table 6. AC Characteristics (VCC = 3.3 V ± 5%, TA = –40C to 85°C)(1)
1. AC characteristics apply for parallel output termination of 50
 to VTT.
Symbol
Characteristics
Min
Typ
Max
Unit
Condition
VPP
Peak-to-Peak Input Voltage
PCLK, PCLK
400
1000
mV
LVPECL
VCMR(2)
2. VCMR (AC) is the crosspoint of the differential input signal. Normal AC operation is obtained when the crosspoint is within the VCMR range
and the input swing lies within the VPP (AC) specification. Violation of VCMR or VPP impacts propagation delay.
Common Mode Range
PCLK, PCLK
1.0
VCC–0.6
V
LVPECL
fmax
Output Frequency
0
200
MHz
fref
Input Frequency
0
200
MHz
tP, REF
Reference Input Pulse Width
1.5
ns
tr, tf
CCLK0, CCLK1 Input Rise/Fall Time
1.0
ns
0.8 to 2.0 V
tsk(O)
Output-to-Output Skew
Qa outputs
Qb outputs
Qc outputs
Qd outputs
Same Frequency
All outputs
Different Frequencies
All outputs
50
50
50
100
200
300
ps
ps
ps
ps
ps
ps
tsk(PP)
Device-to-Device Skew
2.5
ns
tsk(P)
Output Pulse Skew
250
ps
DCREF = 50%
tPLH, HL Propagation Delay
CCLK0 or CCLK1 to any Q
PCLK to any Q
1.0
1.0
3.0
3.0
5.0
5.0
ns
ns
tPLZ, HZ
Output Disable Time
OE to any Q
11
ns
tPZL, LZ
Output Enable Time
OE to any Q
11
ns
tr, tf
Output Rise/Fall Time(3)
3. An input rise/fall time greater than that specified may be used, but AC characteristics are not guaranteed under such a condition.
0.1
1.0
ns
0.55 to 2.4 V
tJIT(CC)
Cycle-to-Cycle Jitter
RMS (1
)TBD
ps



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com