Electronic Components Datasheet Search
  English  ▼

X  

MPC9449 Datasheet(PDF) 9 Page - Integrated Device Technology

Part # MPC9449
Description  3.3 V/2.5 V 1:15 PECL/LVCMOS Clock Fanout Buffer High-impedance output control
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

MPC9449 Datasheet(HTML) 9 Page - Integrated Device Technology

Back Button MPC9449 Datasheet HTML 3Page - Integrated Device Technology MPC9449 Datasheet HTML 4Page - Integrated Device Technology MPC9449 Datasheet HTML 5Page - Integrated Device Technology MPC9449 Datasheet HTML 6Page - Integrated Device Technology MPC9449 Datasheet HTML 7Page - Integrated Device Technology MPC9449 Datasheet HTML 8Page - Integrated Device Technology MPC9449 Datasheet HTML 9Page - Integrated Device Technology MPC9449 Datasheet HTML 10Page - Integrated Device Technology MPC9449 Datasheet HTML 11Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
MPC9449 REVISION 6 DECEMBER 21, 2012
9
©2012 Integrated Device Technology, Inc.
MPC9449 Data Sheet
3.3V/2.5V 1:15 PECL/LVCMOS CLOCK FANOUT BUFFER
DATE 11/15/94
CASE 848D-03
ISSUE D
NOTES:
1.
2.
3.
4.
5.
6.
7.
CONTROLLING DIMENSIONS: MILLIMETER.
DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M, 1982.
DATUM PLANE -H- IS LOCATED AT BOTTOM OF
LEAD AND IS COINCIDENT WITH THE LEAD
WHERE THE LEAD EXITS THE PLASTIC BODY AT
THE BOTTOM OF THE PARTING LINE.
DATUMS -L-, -M- AND -N- TO BE DETERMINED
AT DATUM PLANE -H-.
DIMENSIONS S AND V TO BE DETERMINED AT
SEATING PLANE -T-.
DIMENSIONS A AND B DO NOT INCLUDE MOLD
PROTRUSION. ALLOWABLE PROTRUSION IS
0.25 (0.010) PER SIDE. DIMENSIONS A AND B
DO INCLUDE MOLD MISMATCH AND ARE
DETERMINED AT DATUM PLANE -H-.
DIMENSION D DOES NOT INCLUDE DAMBAR
PROTRUSION. DAMBAR PROTRUSION SHALL
NOT CAUSE THE LEAD WIDTH TO EXCEED 0.46
(0.018). MINIMUM SPACE BETWEEN
PROTRUSION AND ADJACENT LEAD OR
PROTRUSTION 0.07 (0.003).
F
SECTION AB-AB
ROTATED 90˚ CLOCKWISE
S
L-M
M
0.13 (0.005)
N S
T
PLATING
BASE METAL
D
J
U
S
0.05 (0.002)
0.25 (0.010)
GAGE PLANE
C2
C1
W
K
E
Z
θ1
θ
VIEW AA
2X R
R1
1
13
14
26
27
39
40
52
4X 13 TIPS
4X
N
0.20 (0.008) H L-M
N
0.20 (0.008) T L-M
B
V
B1
A
S
V1
A1
S1
-L-
-N-
-M-
3X
VIEW Y
VIEW AA
SEATING
PLANE
C
0.10 (0.004) T
4X
θ3
4X
θ2
-H-
-T-
DIM
A
A1
B
B1
C
C1
C2
D
E
F
G
J
K
R1
S
S1
U
V
V1
W
Z
θ1
θ
θ3
θ2
MIN
---
0.05
1.30
0.20
0.45
0.22
0.07
0.08
0.09
0˚
0˚
MIN
---
0.002
0.051
0.008
0.009
0.018
0.003
0.003
0.004
0˚
0˚
MAX
1.70
0.20
1.50
0.40
0.35
0.75
0.20
0.20
0.16
7˚
---
MAX
0.067
0.008
0.059
0.016
0.030
0.014
0.008
0.008
0.006
7˚
---
MILLIMETERS
10.00 BSC
5.00 BSC
10.00 BSC
5.00 BSC
0.65 BSC
0.50 REF
12.00 BSC
6.00 BSC
12.00 BSC
6.00 BSC
0.20 REF
1.00 REF
12˚ REF
12˚ REF
INCHES
0.394 BSC
0.197 BSC
0.394 BSC
0.197 BSC
0.026 BSC
0.020 REF
0.472 BSC
0.236 BSC
0.472 BSC
0.236 BSC
0.008 REF
0.039 REF
12˚ REF
12˚ REF
AB
AB
VIEW Y
CL
-X-
X=L, M, N
G
PACKAGE DIMENSIONS
CASE 848D-03
ISSUE D
52-LEAD LQFP PACKAGE



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com