Electronic Components Datasheet Search
  English  ▼

X  

MPC9449 Datasheet(PDF) 8 Page - Integrated Device Technology

Part # MPC9449
Description  3.3 V/2.5 V 1:15 PECL/LVCMOS Clock Fanout Buffer High-impedance output control
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

MPC9449 Datasheet(HTML) 8 Page - Integrated Device Technology

Back Button MPC9449 Datasheet HTML 3Page - Integrated Device Technology MPC9449 Datasheet HTML 4Page - Integrated Device Technology MPC9449 Datasheet HTML 5Page - Integrated Device Technology MPC9449 Datasheet HTML 6Page - Integrated Device Technology MPC9449 Datasheet HTML 7Page - Integrated Device Technology MPC9449 Datasheet HTML 8Page - Integrated Device Technology MPC9449 Datasheet HTML 9Page - Integrated Device Technology MPC9449 Datasheet HTML 10Page - Integrated Device Technology MPC9449 Datasheet HTML 11Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
MPC9449 REVISION 6 DECEMBER 21, 2012
8
©2012 Integrated Device Technology, Inc.
MPC9449 Data Sheet
3.3V/2.5V 1:15 PECL/LVCMOS CLOCK FANOUT BUFFER
Figure 8. Output-to-Output Skew tSK(O)
Figure 9. Propagation Delay (tPD) Test Reference
Figure 10. Propagation Delay (tPD) Test Reference
Figure 11. Propagation Delay tSK(P) Test Reference
Figure 12. Output Transition Time Test Reference
Figure 13. Cycle-to-Cycle Jitter
Figure 14
The pin-to-pin skew is defined as the worst case difference in propagation delay be-
tween any similar delay path within a single device
VCC
VCC÷2
GND
VCC
VCC÷2
GND
tSK(O)
VCC
VCC÷2
GND
t(LH)
QX
CCLK
VCC
VPP
t(HL)
VCC÷2
GND
VCC
VCC÷2
GND
t(LH)
QX
PCLK
VPP
t(HL)
VCMR
PCLK
VCC
VCC÷2
GND
t(LH)
QX
CCLK
VCC
t(HL)
VCC÷2
GND
t(HL)
tSK(P)= tPLH–tPLH
tF
tR
VCC=3.3 V VCC=2.5 V
2.4
1.8 V
0.55
0.6 V
The variation in cycle time of a signal between adjacent cycles, over a ran-
dom sample of adjacent cycle pairs
TN
TJIT(CC) = |TN -TN+1|
TN+1



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com