Electronic Components Datasheet Search
  English  ▼

X  

MPC9449 Datasheet(PDF) 3 Page - Integrated Device Technology

Part # MPC9449
Description  3.3 V/2.5 V 1:15 PECL/LVCMOS Clock Fanout Buffer High-impedance output control
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

MPC9449 Datasheet(HTML) 3 Page - Integrated Device Technology

  MPC9449 Datasheet HTML 1Page - Integrated Device Technology MPC9449 Datasheet HTML 2Page - Integrated Device Technology MPC9449 Datasheet HTML 3Page - Integrated Device Technology MPC9449 Datasheet HTML 4Page - Integrated Device Technology MPC9449 Datasheet HTML 5Page - Integrated Device Technology MPC9449 Datasheet HTML 6Page - Integrated Device Technology MPC9449 Datasheet HTML 7Page - Integrated Device Technology MPC9449 Datasheet HTML 8Page - Integrated Device Technology MPC9449 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
MPC9449 REVISION 6 DECEMBER 21, 2012
3
©2012 Integrated Device Technology, Inc.
MPC9449 Data Sheet
3.3V/2.5V 1:15 PECL/LVCMOS CLOCK FANOUT BUFFER
Table 1. Function Table
Control
Default
0
1
PCLK_SEL
0
LVCMOS clock input selected (CCLK0 or CCLK1)
PCLK differential input selected
CCLK_SEL
0
CCLK0 selected
CCLK1 selected
DSELA, DSELB,
DSELC, DSELD
0 0
0 0
1
2
MR/OE
1
Outputs enabled
Outputs disabled (high impedance)
Table 2. Pin Configuration
Pin
I/O
Type
Function
PCLK, PCLK
Input
LVPECL
Differential LVPECL clock input
CCLK0, CCLK1
Input
LVCMOS
LVCMOS clock inputs
PCLK_SEL
Input
LVCMOS
LVPECL clock input select
CCLK_SEL
Input
LVCMOS
LVCMOS clock input select
DSELA, DSELB, DSELC, DSELD
Input
LVCMOS
Clock divider selection
MR/OE
Input
LVCMOS
Output enable/disable (high-impedance tristate)
QA0-1, QB0-2, QC0-3, QD0-5
Output
LVCMOS
Clock outputs
GND
Supply
Ground
Negative power supply (GND)
VCC
Supply
VCC
Positive power supply for I/O and core. All VCC pins must be connected to the
positive power supply for correct operation
Table 3. General Specifications
Symbol
Characteristics
Min
Typ
Max
Unit
Condition
VTT
Output Termination Voltage
VCC  2V
MM
ESD Protection (Machine Model)
200
V
HBM
ESD Protection (Human Body Model)
2000
V
LU
Latch-Up Immunity
200
mA
CPD
Power Dissipation Capacitance
12
pF
Per output
CIN
Input Capacitance
4.0
pF
Inputs
Table 4. Absolute Maximum Ratings(1)
1. Absolute maximum continuous ratings are those maximum values beyond which damage to the device may occur. Exposure to these
conditions or conditions beyond those indicated may adversely affect device reliability. Functional operation at absolute-maximum-rated
conditions is not implied.
Symbol
Characteristics
Min
Max
Unit
Condition
VCC
Supply Voltage
–0.3
3.8
V
VIN
DC Input Voltage
–0.3
VCC0.3
V
VOUT
DC Output Voltage
–0.3
VCC0.3
V
IIN
DC Input Current
20
mA
IOUT
DC Output Current
50
mA
TS
Storage Temperature
–65
125
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com