Electronic Components Datasheet Search
  English  ▼

X  

SCES643E Datasheet(PDF) 4 Page - Texas Instruments

Part # SCES643E
Description  1.2 V to 3.6 V on A Port and 1.65 to 5.5 V on B Port (VCCA ??VCCB)
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SCES643E Datasheet(HTML) 4 Page - Texas Instruments

  SCES643E Datasheet HTML 1Page - Texas Instruments SCES643E Datasheet HTML 2Page - Texas Instruments SCES643E Datasheet HTML 3Page - Texas Instruments SCES643E Datasheet HTML 4Page - Texas Instruments SCES643E Datasheet HTML 5Page - Texas Instruments SCES643E Datasheet HTML 6Page - Texas Instruments SCES643E Datasheet HTML 7Page - Texas Instruments SCES643E Datasheet HTML 8Page - Texas Instruments SCES643E Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 27 page
background image
TXB0108
SCES643E – NOVEMBER 2006 – REVISED MAY 2012
www.ti.com
Recommended Operating Conditions
(1) (2)
VCCA
VCCB
MIN
MAX
UNIT
VCCA
1.2
3.6
Supply voltage
V
VCCB
1.65
5.5
Data inputs
VCCI x 0.65
(3)
VCCI
VIH
High-level input voltage
1.2 V to 3.6 V
1.65 V to 5.5 V
V
OE
VCCA x 0.65
5.5
Data inputs
1.2 V to 5.5 V
0
VCCI x 0.35
(3)
VIL
Low-level input voltage
1.65 V to 5.5 V
V
OE
1.2 V to 3.6 V
0
VCCA x 0.35
A-port inputs
1.2 V to 3.6 V
1.65 V to 5.5 V
40
Input transition
Δt/Δv
1.65 V to 3.6 V
40
ns/V
rise or fall rate
B-port inputs
1.2 V to 3.6 V
4.5 V to 5.5 V
30
TA
Operating free-air temperature
–40
85
°C
(1)
The A and B sides of an unused data I/O pair must be held in the same state, i.e., both at VCCI or both at GND.
(2)
VCCA must be less than or equal to VCCB and must not exceed 3.6 V.
(3)
VCCI is the supply voltage associated with the input port.
4
Submit Documentation Feedback
Copyright © 2006–2012, Texas Instruments Incorporated
Product Folder Link(s): TXB0108



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com