Electronic Components Datasheet Search
  English  ▼

X  

SCES643E Datasheet(PDF) 16 Page - Texas Instruments

Part # SCES643E
Description  1.2 V to 3.6 V on A Port and 1.65 to 5.5 V on B Port (VCCA ??VCCB)
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SCES643E Datasheet(HTML) 16 Page - Texas Instruments

Back Button SCES643E Datasheet HTML 12Page - Texas Instruments SCES643E Datasheet HTML 13Page - Texas Instruments SCES643E Datasheet HTML 14Page - Texas Instruments SCES643E Datasheet HTML 15Page - Texas Instruments SCES643E Datasheet HTML 16Page - Texas Instruments SCES643E Datasheet HTML 17Page - Texas Instruments SCES643E Datasheet HTML 18Page - Texas Instruments SCES643E Datasheet HTML 19Page - Texas Instruments SCES643E Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 27 page
background image
TAPE AND REEL INFORMATION
*All dimensions are nominal
Device
Package
Type
Package
Drawing
Pins
SPQ
Reel
Diameter
(mm)
Reel
Width
W1 (mm)
A0
(mm)
B0
(mm)
K0
(mm)
P1
(mm)
W
(mm)
Pin1
Quadrant
TXB0108DQSR
USON
DQS
20
3000
177.8
12.4
2.21
4.22
0.81
4.0
12.0
Q1
TXB0108PWR
TSSOP
PW
20
2000
330.0
16.4
6.95
7.1
1.6
8.0
16.0
Q1
TXB0108RGYR
VQFN
RGY
20
3000
330.0
12.4
3.8
4.8
1.6
8.0
12.0
Q1
TXB0108RGYR
VQFN
RGY
20
3000
330.0
12.4
3.8
4.8
1.6
8.0
12.0
Q1
TXB0108YZPR
DSBGA
YZP
20
3000
180.0
8.4
1.99
2.49
0.56
4.0
8.0
Q1
TXB0108ZXYR
BGA MI
CROSTA
R JUNI
OR
ZXY
20
2500
330.0
12.4
2.8
3.3
1.0
4.0
12.0
Q2
PACKAGE MATERIALS INFORMATION
www.ti.com
5-Feb-2013
Pack Materials-Page 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com