Electronic Components Datasheet Search
  English  ▼

X  

SCES643E Datasheet(PDF) 1 Page - Texas Instruments

Part # SCES643E
Description  1.2 V to 3.6 V on A Port and 1.65 to 5.5 V on B Port (VCCA ??VCCB)
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SCES643E Datasheet(HTML) 1 Page - Texas Instruments

  SCES643E Datasheet HTML 1Page - Texas Instruments SCES643E Datasheet HTML 2Page - Texas Instruments SCES643E Datasheet HTML 3Page - Texas Instruments SCES643E Datasheet HTML 4Page - Texas Instruments SCES643E Datasheet HTML 5Page - Texas Instruments SCES643E Datasheet HTML 6Page - Texas Instruments SCES643E Datasheet HTML 7Page - Texas Instruments SCES643E Datasheet HTML 8Page - Texas Instruments SCES643E Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
GXY OR ZXY PACKAGE
(BOTTOM VIEW)
A
B
C
D
2
1
3
4
5
20
19
16
15
14
13
1
2
5
6
7
8
PW PACKAGE
(TOP VIEW)
18
17
12
11
3
4
9
10
RGY PACKAGE
(TOP VIEW)
YZP PACKAGE
(BALL SIDE VIEW)
1
20
10
11
2
3
4
5
6
7
8
9
19
18
17
16
15
14
13
12
V
CCB
B2
B3
B4
B5
B6
B7
B8
V
CCA
A2
A3
A4
A5
A6
A7
A8
V
CCB
B2
B3
B4
B5
B6
B7
B8
GND
V
CCA
A1
A2
A3
A4
A5
A6
A7
A8
OE
B1
B1
B2
B3
B4
A2
A3
A4
1
2
3
4
20
19
18
17
V
CCB
GND
B5
B6
OE
A5
A6
5
6
7
8
16
15
14
13
B7
B8
A7
A8
9
10
12
11
A1
V
CCA
DQS PACKAGE
(TOP VIEW)
B6
B8
A8
A6
GND
B7
A7
OE
V
CCB
B5
A5
V
CCA
B4
B3
A3
A4
B2
B1
A1
A2
1
2
3
4
E
D
C
B
A
TXB0108
www.ti.com
SCES643E – NOVEMBER 2006 – REVISED MAY 2012
8-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR
WITH AUTO-DIRECTION SENSING AND ±15-kV ESD PROTECTION
Check for Samples: TXB0108
1
FEATURES
APPLICATIONS
•
1.2 V to 3.6 V on A Port and 1.65 to 5.5 V on
•
Handset, Smartphone, Tablet, Desktop PC
B Port (VCCA ≤ VCCB)
•
VCC Isolation Feature – If Either VCC Input Is at
GND, All Outputs Are in the High-Impedance
State
•
OE Input Circuit Referenced to VCCA
•
Low Power Consumption, 4-
μA Max ICC
•
Ioff Supports Partial-Power-Down Mode
Operation
•
Latch-Up Performance Exceeds 100 mA Per
JESD 78, Class II
•
ESD Protection Exceeds JESD 22
TERMINAL ASSIGNMENTS
–
A Port
(20-Ball GXY/ZXY Package)
–
2000-V Human-Body Model (A114-B)
1
2
3
4
5
–
1000-V Charged-Device Model (C101)
D
VCCB
B2
B4
B6
B8
–
B Port
C
B1
B3
B5
B7
GND
–
±15-kV Human-Body Model (A114-B)
B
A1
A3
A5
A7
OE
–
±8-kV Human-Body Model (A114-B)
A
VCCA
A2
A4
A6
A8
(YZP Package Only)
–
1000-V Charged-Device Model (C101)
Note:
For the RGY package, the exposed center thermal pad must be connected to ground.
A.
Pull up resistors are not required on both sides for Logic I/O.
B.
If pull up or pull down resistors are needed, the resistor value must be over 50 k
Ω.
C.
50 k
Ω is a safe recommended value, if the customer can accept higher Vol or lower Voh, smaller pull up or pull down
resistor is allowed, the draft estimation is Vol = Vccout × 4.5k/(4.5k + Rpu) and Voh = Vccout × Rdw/(4.5k + Rdw).
D.
If pull up resistors are needed, please refer to the TXS0108 or contact TI.
E.
For detailed information, please refer to application note SCEA043.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2006–2012, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - SCES643E

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SCES217O TI-SCES217O Datasheet
240Kb / 20P
PurePath Digital™ 5.1 Channel Evaluation Module for the TAS5508 Digital Audio PWM processor and TAS5122DCA Digital Amplifier Power Output Stage in Both Bridge-Tied-Load and Single-Ended Configuration
October 2004
SCES223 TI-SCES223 Datasheet
2Mb / 53P
This users guide describes the characteristics, operation, and use of the TLV320AIC3204EVM-K.
October 2012
SCES224J TI-SCES224J Datasheet
240Kb / 20P
PurePath Digital™ 5.1 Channel Evaluation Module for the TAS5508 Digital Audio PWM processor and TAS5122DCA Digital Amplifier Power Output Stage in Both Bridge-Tied-Load and Single-Ended Configuration
October 2004
SCES296 TI-SCES296 Datasheet
2Mb / 53P
This users guide describes the characteristics, operation, and use of the TLV320AIC3204EVM-K.
October 2012
logo
SeCoS Halbleitertechnol...
SCESD0502L-C SECOS-SCESD0502L-C Datasheet
306Kb / 2P
Ultra Low Capacitance TVS/ESD Protection Diode
More results

Similar Description - SCES643E

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG811 AD-ADG811 Datasheet
392Kb / 16P
0.5 CMOS 1.65 V to 3.6 V Quad SPST Switches
5/04-Data Sheet Changed from Rev. 0 to Rev. A
ADG836 AD-ADG836 Datasheet
652Kb / 12P
0.5CMOS 1.65 V TO 3.6 V Dual SPDT/2:1 MUX
REV.0
logo
Texas Instruments
SN65C23243 TI-SN65C23243 Datasheet
254Kb / 15P
3-V TO 5.5-V DUAL RS-232 PORT
logo
Analog Devices
ADG804 AD-ADG804 Datasheet
157Kb / 16P
0.5 ohm CMOS 1.65 V TO 3.6 V 4-Channel Multiplexer
4/04-Revision 0
logo
Texas Instruments
SN65C23243 TI-SN65C23243_06 Datasheet
257Kb / 17P
3-V TO 5.5-V DUAL RS-232 PORT
logo
Vishay Siliconix
DG2718 VISHAY-DG2718 Datasheet
116Kb / 7P
0.45- CMOS, 1.65-V to 3.6-V, Dual DPDT Analog Switch
17-Oct-05
logo
Texas Instruments
TRSF23243 TI1-TRSF23243 Datasheet
658Kb / 17P
3-V TO 5.5-V DUAL RS-232 PORT
logo
Analog Devices
ADG812YRUZ AD-ADG812YRUZ Datasheet
340Kb / 16P
<0.5 廓 CMOS, 1.65 V to 3.6 V, Quad SPST Switches
REV. B
ADG811YRUZ AD-ADG811YRUZ Datasheet
340Kb / 16P
0.5ohm CMOS, 1.65 V to 3.6 V, Quad SPST Switches
REV. B
logo
Texas Instruments
SN65C23243 TI1-SN65C23243_08 Datasheet
446Kb / 19P
3-V TO 5.5-V DUAL RS-232 PORT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com