Electronic Components Datasheet Search
  English  ▼

X  

SCES643E Datasheet(PDF) 5 Page - Texas Instruments

Part # SCES643E
Description  1.2 V to 3.6 V on A Port and 1.65 to 5.5 V on B Port (VCCA ??VCCB)
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SCES643E Datasheet(HTML) 5 Page - Texas Instruments

  SCES643E Datasheet HTML 1Page - Texas Instruments SCES643E Datasheet HTML 2Page - Texas Instruments SCES643E Datasheet HTML 3Page - Texas Instruments SCES643E Datasheet HTML 4Page - Texas Instruments SCES643E Datasheet HTML 5Page - Texas Instruments SCES643E Datasheet HTML 6Page - Texas Instruments SCES643E Datasheet HTML 7Page - Texas Instruments SCES643E Datasheet HTML 8Page - Texas Instruments SCES643E Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 27 page
background image
TXB0108
www.ti.com
SCES643E – NOVEMBER 2006 – REVISED MAY 2012
Electrical Characteristics
(1) (2)
over recommended operating free-air temperature range (unless otherwise noted)
TA = 25°C
–40°C to 85°C
TEST
PARAMETER
VCCA
VCCB
UNIT
CONDITIONS
MIN
TYP
MAX
MIN
MAX
1.2 V
1.1
VOHA
IOH = –20 μA
V
1.4 V to 3.6 V
VCCA – 0.4
1.2 V
0.9
VOLA
IOL = 20 μA
V
1.4 V to 3.6 V
0.4
VOHB
IOH = –20 μA
1.65 V to 5.5 V
VCCB – 0.4
V
VOLB
IOL = 20 μA
1.65 V to 5.5 V
0.4
V
II
OE
1.2 V to 3.6 V
1.65 V to 5.5 V
±1
±2
μA
A port
0 V
0 V to 5.5 V
±1
±2
Ioff
μA
B port
0 V to 3.6 V
0 V
±1
±2
IOZ
A or B port
OE = GND
1.2 V to 3.6 V
1.65 V to 5.5 V
±1
±2
μA
1.2 V
0.06
1.65 V to 5.5 V
1.4 V to 3.6 V
5
VI = VCCI or GND,
ICCA
μA
IO = 0
3.6 V
0 V
2
0 V
5.5 V
–2
1.2 V
3.4
1.65 V to 5.5 V
1.4 V to 3.6 V
5
VI = VCCI or GND,
ICCB
μA
IO = 0
3.6 V
0 V
–2
0 V
5.5 V
2
1.2 V
3.5
VI = VCCI or GND,
ICCA + ICCB
1.65 V to 5.5 V
μA
IO = 0
1.4 V to 3.6 V
10
VI = VCCI or GND,
1.2 V
0.05
ICCZA
IO = 0,
1.65 V to 5.5 V
μA
1.4 V to 3.6 V
5
OE = GND
VI = VCCI or GND,
1.2 V
3.3
ICCZB
IO = 0,
1.65 V to 5.5 V
μA
1.4 V to 3.6 V
5
OE = GND
CI
OE
1.2 V to 3.6 V
1.65 V to 5.5 V
5
5.5
pF
A port
5
6.5
Cio
1.2 V to 3.6 V
1.65 V to 5.5 V
pF
B port
8
10
(1)
VCCI is the supply voltage associated with the input port.
(2)
VCCO is the supply voltage associated with the output port.
Timing Requirements
TA = 25°C, VCCA = 1.2 V
VCCB = 1.8 V
VCCB = 2.5 V
VCCB = 3.3 V
VCCB = 5 V
UNIT
TYP
TYP
TYP
TYP
Data rate
20
20
20
20
Mbps
tw
Pulse duration
Data inputs
50
50
50
50
ns
Timing Requirements
over recommended operating free-air temperature range, VCCA = 1.5 V ± 0.1 V (unless otherwise noted)
VCCB = 1.8 V
VCCB = 2.5 V
VCCB = 3.3 V
VCCB = 5 V
± 0.15 V
± 0.2 V
± 0.3 V
± 0.5 V
UNIT
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
Data rate
50
50
50
50
Mbps
tw
Pulse duration
Data inputs
20
20
20
20
ns
Copyright © 2006–2012, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): TXB0108



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com