Electronic Components Datasheet Search
  English  ▼

X  

SCES643E Datasheet(PDF) 11 Page - Texas Instruments

Part # SCES643E
Description  1.2 V to 3.6 V on A Port and 1.65 to 5.5 V on B Port (VCCA ??VCCB)
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SCES643E Datasheet(HTML) 11 Page - Texas Instruments

Back Button SCES643E Datasheet HTML 7Page - Texas Instruments SCES643E Datasheet HTML 8Page - Texas Instruments SCES643E Datasheet HTML 9Page - Texas Instruments SCES643E Datasheet HTML 10Page - Texas Instruments SCES643E Datasheet HTML 11Page - Texas Instruments SCES643E Datasheet HTML 12Page - Texas Instruments SCES643E Datasheet HTML 13Page - Texas Instruments SCES643E Datasheet HTML 14Page - Texas Instruments SCES643E Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 27 page
background image
IIN
VIN
VT/4 kW
–(VD – VT)/4 kW
A. VT is the input threshold voltage of the TXB0108 (typically VCCI/2).
B. VD is the supply voltage of the external driver.
TXB0108
www.ti.com
SCES643E – NOVEMBER 2006 – REVISED MAY 2012
Figure 2. Typical IIN vs VIN Curve
Power Up
During operation, ensure that VCCA ≤ VCCB at all times. During power-up sequencing, VCCA ≥ VCCB does not
damage the device, so any power supply can be ramped up first. The TXB0108 has circuitry that disables all
output ports when either VCC is switched off (VCCA/B = 0 V).
Enable and Disable
The TXB0108 has an OE input that is used to disable the device by setting OE = low, which places all I/Os in the
high-impedance (Hi-Z) state. The disable time (tdis) indicates the delay between when OE goes low and when the
outputs actually get disabled (Hi-Z). The enable time (ten) indicates the amount of time the user must allow for the
one-shot circuitry to become operational after OE is taken high.
Pullup or Pulldown Resistors on I/O Lines
The TXB0108 is designed to drive capacitive loads of up to 70 pF. The output drivers of the TXB0108 have low
dc drive strength. If pullup or pulldown resistors are connected externally to the data I/Os, their values must be
kept higher than 50 k
Ω to ensure that they do not contend with the output drivers of the TXB0108.
For the same reason, the TXB0108 should not be used in applications such as I2C or 1-Wire where an open-
drain driver is connected on the bidirectional data I/O. For these applications, use a device from the TI TXS01xx
series of level translators.
Copyright © 2006–2012, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s): TXB0108



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com