Electronic Components Datasheet Search
  English  ▼

X  

SCES643E Datasheet(PDF) 7 Page - Texas Instruments

Part # SCES643E
Description  1.2 V to 3.6 V on A Port and 1.65 to 5.5 V on B Port (VCCA ??VCCB)
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SCES643E Datasheet(HTML) 7 Page - Texas Instruments

Back Button SCES643E Datasheet HTML 3Page - Texas Instruments SCES643E Datasheet HTML 4Page - Texas Instruments SCES643E Datasheet HTML 5Page - Texas Instruments SCES643E Datasheet HTML 6Page - Texas Instruments SCES643E Datasheet HTML 7Page - Texas Instruments SCES643E Datasheet HTML 8Page - Texas Instruments SCES643E Datasheet HTML 9Page - Texas Instruments SCES643E Datasheet HTML 10Page - Texas Instruments SCES643E Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 27 page
background image
TXB0108
www.ti.com
SCES643E – NOVEMBER 2006 – REVISED MAY 2012
Switching Characteristics
over recommended operating free-air temperature range, VCCA = 1.5 V ± 0.1 V (unless otherwise noted)
VCCB = 1.8 V
VCCB = 2.5 V
VCCB = 3.3 V
VCCB = 5 V
FROM
TO
± 0.15 V
± 0.2 V
± 0.3 V
± 0.5 V
PARAMETER
UNIT
(INPUT)
(OUTPUT)
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
A
B
1.4
12.9
1.2
10.1
1.1
10
0.8
9.9
tpd
ns
B
A
0.9
14.2
0.7
12
0.4
11.7
0.3
13.7
A
1
1
1
1
ten
OE
μs
B
1
1
1
1
A
6.6
33
6.4
25.3
6.1
23.1
5.9
24.6
tdis
OE
ns
B
6.6
35.6
5.8
25.6
5.5
22.1
5.6
20.6
trA, tfA
A-port rise and fall times
0.8
6.5
0.8
6.3
0.8
6.3
0.8
6.3
ns
trB, tfB
B-port rise and fall times
1
7.3
0.7
4.9
0.7
4.6
0.6
4.6
ns
tSK(O)
Channel-to-channel skew
2.6
1.9
1.6
1.3
ns
Max data rate
50
50
50
50
Mbps
Switching Characteristics
over recommended operating free-air temperature range, VCCA = 1.8 V ± 0.15 V (unless otherwise noted)
VCCB = 1.8 V
VCCB = 2.5 V
VCCB = 3.3 V
VCCB = 5 V
FROM
TO
± 0.15 V
± 0.2 V
± 0.3 V
± 0.5 V
PARAMETER
UNIT
(INPUT)
(OUTPUT)
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
A
B
1.6
11
1.4
7.7
1.3
6.8
1.2
6.5
tpd
ns
B
A
1.5
12
1.2
8.4
0.8
7.6
0.5
7.1
A
1
1
1
1
ten
OE
μs
B
1
1
1
1
A
5.9
26.7
5.6
21.6
5.4
18.9
4.8
18.7
tdis
OE
ns
B
6.1
33.9
5.2
23.7
5
19.9
5
17.6
trA, tfA
A-port rise and fall times
0.7
5.1
0.7
5
1
5
0.7
5
ns
trB, tfB
B-port rise and fall times
1
7.3
0.7
5
0.7
3.9
0.6
3.8
ns
tSK(O)
Channel-to-channel skew
0.8
0.7
0.6
0.6
ns
Max data rate
52
60
60
60
Mbps
Copyright © 2006–2012, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): TXB0108



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com