Electronic Components Datasheet Search
  English  ▼

X  

M68HC08 Datasheet(PDF) 151 Page - Freescale Semiconductor, Inc

Part # M68HC08
Description  MC68HC908JB16 Technical Data
PDF  332 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

M68HC08 Datasheet(HTML) 151 Page - Freescale Semiconductor, Inc

Back Button M68HC08 Datasheet HTML 147Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 148Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 149Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 150Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 151Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 152Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 153Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 154Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 155Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 151 / 332 page
background image
Timer Interface Module (TIM)
MC68HC908JB16 — Rev. 1.1
Technical Data
Freescale Semiconductor
Timer Interface Module (TIM)
151
10.9 I/O Signals
Port E shares three of its pins with the TIM. PTE0/TCLK is an external
clock input to the TIM prescaler. The two TIM channel I/O pins are
PTE1/T1CH01 and PTE2/T2CH01.
10.9.1 TIM Clock Pin (PTE0/TCLK)
PTE0/TCLK is an external clock input that can be the clock source for
the TIM counter instead of the prescaled internal bus clock. Select the
PTE0/TCLK input by writing logic 1s to the three prescaler select bits,
PS[2:0]. (See 10.10.1 TIM Status and Control Register.) The minimum
TCLK pulse width, TCLK
LMIN or TCLKHMIN, is:
The maximum TCLK frequency is:
bus frequency
÷ 2
PTE0/TCLK is available as a general-purpose I/O pin when not used as
the TIM clock input. When the PTE0/TCLK pin is the TIM clock input, it
is an input regardless of the state of the DDRE0 bit in data direction
register E.
10.9.2 TIM Channel I/O Pins (PTE1/T1CH01:PTE2/T2CH01)
Each TIM I/O pin is programmable independently as an input capture pin
or an output compare pin, or configured as buffered output compare or
buffered PWM pins.
1
bus frequency
-------------------------------------
t
SU
+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com