Electronic Components Datasheet Search
  English  ▼

X  

RX111 Datasheet(PDF) 56 Page - Renesas Technology Corp

Part # RX111
Description  32 MHz 32-bit RX MCUs, 50 DMIPS, up to 128 Kbytes of flash memory
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RX111 Datasheet(HTML) 56 Page - Renesas Technology Corp

Back Button RX111 Datasheet HTML 52Page - Renesas Technology Corp RX111 Datasheet HTML 53Page - Renesas Technology Corp RX111 Datasheet HTML 54Page - Renesas Technology Corp RX111 Datasheet HTML 55Page - Renesas Technology Corp RX111 Datasheet HTML 56Page - Renesas Technology Corp RX111 Datasheet HTML 57Page - Renesas Technology Corp RX111 Datasheet HTML 58Page - Renesas Technology Corp RX111 Datasheet HTML 59Page - Renesas Technology Corp RX111 Datasheet HTML 60Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 110 page
background image
R01DS0190EJ0100 Rev.1.00
Page 56 of 107
Jun 19, 2013
RX111 Group
5. Electrical Characteristics
Figure 5.5
Temperature Dependency in Software Standby Mode (Reference Data)
Note: • Make sure that Tj < Ta + 0.1 * total power consumption (mW), where total power consumption = (VCC - VOH) × ΣIOH + VOL ×
ΣI
OL + ICCmax × VCC.
Note: • Make sure that Tj < Ta + 0.1 * total power consumption (mW), where total power consumption = (VCC - VOH) × ΣIOH + VOL ×
ΣI
OL + ICCmax × VCC.
Table 5.9
DC Characteristics (7)
Conditions: Products with operating temperature (Ta) –40 to +105°C
VCC = AVCC0 = VCC_USB = 1.8 to 3.6 V, VSS = AVSS0 = VREFL0 = VSS_USB = 0 V
Item
Symbol
Typ.
Max.
Unit
Test Conditions
Permissible junction temperature
Tj
—
120
°C
High-speed operating mode
—
105
Middle-speed operating mode
—
120
Low-speed operating mode
Table 5.10
DC Characteristics (8)
Conditions: Products with operating temperature (Ta) –40 to +85°C
VCC = AVCC0 = VCC_USB = 1.8 to 3.6 V, VSS = AVSS0 = VREFL0 = VSS_USB = 0 V
Item
Symbol
Typ.
Max.
Unit
Test Conditions
Permissible junction temperature
Tj
—
120
°C
High-speed operating mode
—
105
Middle-speed operating mode
—
120
Low-speed operating mode
Note1.
Average value of the tested upper-limit samples during product evaluation.
Note2.
Average value of the tested middle samples during product evaluation.
0.1
1
10
100
-40
-20
0
20
40
60
80
100
120
Ta (°C)
*1
*2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com