Electronic Components Datasheet Search
  English  ▼

X  

RX111 Datasheet(PDF) 87 Page - Renesas Technology Corp

Part # RX111
Description  32 MHz 32-bit RX MCUs, 50 DMIPS, up to 128 Kbytes of flash memory
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RX111 Datasheet(HTML) 87 Page - Renesas Technology Corp

Back Button RX111 Datasheet HTML 83Page - Renesas Technology Corp RX111 Datasheet HTML 84Page - Renesas Technology Corp RX111 Datasheet HTML 85Page - Renesas Technology Corp RX111 Datasheet HTML 86Page - Renesas Technology Corp RX111 Datasheet HTML 87Page - Renesas Technology Corp RX111 Datasheet HTML 88Page - Renesas Technology Corp RX111 Datasheet HTML 89Page - Renesas Technology Corp RX111 Datasheet HTML 90Page - Renesas Technology Corp RX111 Datasheet HTML 91Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 110 page
background image
R01DS0190EJ0100 Rev.1.00
Page 87 of 107
Jun 19, 2013
RX111 Group
5. Electrical Characteristics
Figure 5.48
Test Circuit
Observation point
50 pF
50 pF
DP
DM
Full-speed (FS)
Observation point
1.5 k
Ω
200 pF to
600 pF
DP
DM
200 pF to
600 pF
3.6 V
Observation point
Low-speed (LS)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com