Electronic Components Datasheet Search
  English  ▼

X  

RX111 Datasheet(PDF) 80 Page - Renesas Technology Corp

Part # RX111
Description  32 MHz 32-bit RX MCUs, 50 DMIPS, up to 128 Kbytes of flash memory
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RX111 Datasheet(HTML) 80 Page - Renesas Technology Corp

Back Button RX111 Datasheet HTML 76Page - Renesas Technology Corp RX111 Datasheet HTML 77Page - Renesas Technology Corp RX111 Datasheet HTML 78Page - Renesas Technology Corp RX111 Datasheet HTML 79Page - Renesas Technology Corp RX111 Datasheet HTML 80Page - Renesas Technology Corp RX111 Datasheet HTML 81Page - Renesas Technology Corp RX111 Datasheet HTML 82Page - Renesas Technology Corp RX111 Datasheet HTML 83Page - Renesas Technology Corp RX111 Datasheet HTML 84Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 110 page
background image
R01DS0190EJ0100 Rev.1.00
Page 80 of 107
Jun 19, 2013
RX111 Group
5. Electrical Characteristics
Note: • tPcyc: PCLK cycle
Note 1. Cb indicates the total capacity of the bus line.
Note 2. This applies when the SMR.CKS[1:0] bits = 00b and the SNFR.NFCS[2:0] bits = 010b while the SNFR.NFE bit = 1 and the digital
filter is enabled.
Figure 5.33
I/O Port Input Timing
Figure 5.34
MTU2 Input/Output Timing
Table 5.34
Timing of On-Chip Peripheral Modules (5)
Conditions: VCC = AVCC0 = VCC_USB = 2.7 to 3.6 V, VSS = AVSS0 = VREFL0 = VSS_USB = 0 V, fPCLKB
≤ 32 MHz,
Ta = –40 to +105°C
Item
Symbol
Min.*1
Max.
Unit
Test Conditions
Simple IIC
(Standard mode)
SDA0 rise time
tSr
—1000
ns
Figure 5.46
SDA0 fall time
tSf
—300
ns
SDA0 spike pulse removal time
tSP
04 × tpcyc*2
ns
Data setup time
tSDAS
250
—
ns
Data hold time
tSDAH
0—
ns
SCL0, SDA0 capacitive load
Cb
—400
pF
Simple IIC
(Fast mode)
SCL0, SDA0 rise time
tSr
—300
ns
Figure 5.46
SCL0, SDA0 fall time
tSf
—300
ns
SCL0, SDA0 spike pulse removal time
tSP
04 × tpcyc*2
ns
Data setup time
tSDAS
100
—
ns
Data hold time
tSDAH
0—
ns
SCL0, SDA0 capacitive load
Cb
—400
pF
Port
PCLK
tPRW
Output
compare output
Input capture
input
PCLK
tTICW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com