Electronic Components Datasheet Search
  English  ▼

X  

RX111 Datasheet(PDF) 94 Page - Renesas Technology Corp

Part # RX111
Description  32 MHz 32-bit RX MCUs, 50 DMIPS, up to 128 Kbytes of flash memory
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RX111 Datasheet(HTML) 94 Page - Renesas Technology Corp

Back Button RX111 Datasheet HTML 90Page - Renesas Technology Corp RX111 Datasheet HTML 91Page - Renesas Technology Corp RX111 Datasheet HTML 92Page - Renesas Technology Corp RX111 Datasheet HTML 93Page - Renesas Technology Corp RX111 Datasheet HTML 94Page - Renesas Technology Corp RX111 Datasheet HTML 95Page - Renesas Technology Corp RX111 Datasheet HTML 96Page - Renesas Technology Corp RX111 Datasheet HTML 97Page - Renesas Technology Corp RX111 Datasheet HTML 98Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 110 page
background image
R01DS0190EJ0100 Rev.1.00
Page 94 of 107
Jun 19, 2013
RX111 Group
5. Electrical Characteristics
5.8
Power-On Reset Circuit and Voltage Detection Circuit Characteristics
Note: • These characteristics apply when noise is not superimposed on the power supply. When a setting is made so that the voltage
detection level overlaps with that of the voltage detection circuit (LVD2), it cannot be specified which of LVD1 and LVD2 is used
for voltage detection.
Note 1. # in the symbol Vdet1_# denotes the value of the LVDLVLR.LVD1LVL[3:0] bits.
Note: • These characteristics apply when noise is not superimposed on the power supply. When a setting is made so that the voltage
detection level overlaps with that of the voltage detection circuit (LVD1), it cannot be specified which of LVD1 and LVD2 is used
for voltage detection.
Note 1. # in the symbol Vdet2_# denotes the value of the LVDLVLR.LVD2LVL[3:0] bits.
Note 2. Vdet2_3 selection can be used only when the CMPA2 pin input voltage is selected and cannot be used when the power supply
voltage (VCC) is selected.
Note 3. When OFS1.(STUPLVD1REN, FASTSTUP) = 11b.
Note 4. When OFS1.(STUPLVD1REN, FASTSTUP)
≠ 11b.
Note 5. The minimum VCC down time indicates the time when VCC is below the minimum value of voltage detection levels VPOR, Vdet0,
Vdet1, and Vdet2 for the POR/LVD.
Table 5.43
Power-On Reset Circuit and Voltage Detection Circuit Characteristics (1)
Conditions: VCC = AVCC0 = VCC_USB, VSS = AVSS0 = VREFL0 = VSS_USB = 0 V, Ta = –40 to +105°C
Item
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
Voltage detection level
Power-on reset (POR)
VPOR
1.35
1.50
1.65
V
Figure 5.51,
Figure 5.52
Voltage detection
circuit (LVD1)*1
Vdet1_4
3.00
3.10
3.20
V
Figure 5.53
At falling edge VCC
Vdet1_5
2.91
3.00
3.09
Vdet1_6
2.81
2.90
2.99
Vdet1_7
2.70
2.79
2.88
Vdet1_8
2.60
2.68
2.76
Vdet1_9
2.50
2.58
2.66
Vdet1_A
2.40
2.48
2.56
Vdet1_B
1.99
2.06
2.13
Vdet1_C
1.90
1.96
2.02
Vdet1_D
1.80
1.86
1.92
Table 5.44
Power-On Reset Circuit and Voltage Detection Circuit Characteristics (2)
Conditions: VCC = AVCC0 = VCC_USB, VSS = AVSS0 = VREFL0 = VSS_USB = 0 V, Ta = –40 to +105°C
Item
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
Voltage detection level
Voltage detection circuit
(LVD2)*1
Vdet2_0
2.71
2.90
3.09
V
Figure 5.54
At falling edge VCC
Vdet2_1
2.43
2.60
2.77
Vdet2_2
1.87
2.00
2.13
Vdet2_3*2
1.69
1.80
1.91
Wait time after power-on
reset cancellation
At normal startup*3
tPOR
―
9.1
―
ms
Figure 5.52
During fast startup time*4
tPOR
―
1.6
―
Wait time after voltage
monitoring 1 reset
cancellation
Power-on voltage monitoring
1 reset disabled*3
tLVD1
―
568
―μs
Figure 5.53
Power-on voltage monitoring
1 reset enabled*4
―
100
―
Wait time after voltage monitoring 2 reset cancellation
tLVD2
―
100
―μs
Figure 5.54
Response delay time
tdet
――
350
μs
Figure 5.51
Minimum VCC down time*5
tVOFF
350
――
μs
Figure 5.51,
VCC = 1.0 V or above
Power-on reset enable time
tW(POR)
1
――
ms
Figure 5.52,
VCC = below 1.0 V
LVD operation stabilization time (after LVD is enabled)
Td(E-A)
――
300
μs
Figure 5.53, Figure 5.54
Hysteresis width (LVD1 and LVD2)
VLVH
―
70
―
mV
Vdet1_4 selected
―
60
―
Vdet1_5 to 9, LVD2 selected
―
50
―
When selection is from
among Vdet1_A to B.
―
40
―
When selection is from
among Vdet1_C to D.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com