Electronic Components Datasheet Search
  English  ▼

X  

RX111 Datasheet(PDF) 18 Page - Renesas Technology Corp

Part # RX111
Description  32 MHz 32-bit RX MCUs, 50 DMIPS, up to 128 Kbytes of flash memory
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RX111 Datasheet(HTML) 18 Page - Renesas Technology Corp

Back Button RX111 Datasheet HTML 14Page - Renesas Technology Corp RX111 Datasheet HTML 15Page - Renesas Technology Corp RX111 Datasheet HTML 16Page - Renesas Technology Corp RX111 Datasheet HTML 17Page - Renesas Technology Corp RX111 Datasheet HTML 18Page - Renesas Technology Corp RX111 Datasheet HTML 19Page - Renesas Technology Corp RX111 Datasheet HTML 20Page - Renesas Technology Corp RX111 Datasheet HTML 21Page - Renesas Technology Corp RX111 Datasheet HTML 22Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 110 page
background image
R01DS0190EJ0100 Rev.1.00
Page 18 of 107
Jun 19, 2013
RX111 Group
1. Overview
Table 1.5
List of Pins and Pin Functions (64-Pin LQFP) (1/2)
Pin
No.
Power Supply, Clock,
System Control
I/O Port
Timers
(MTU, POE, RTC)
Communication
(SCIe, SCIf, RSPI, RIIC, USB)
Others
1P03
DA0
2
P27
MTIOC2B
SCK1/SCK12
IRQ3/CMPA2/
CACREF/ADTRG0#
3
P26
MTIOC2A
TXD1/SMOSI1/SSDA1/USB0_VBUSEN
4
P30
MTIOC4B/POE8#
RXD1/SMISO1/SSCL1
IRQ0
5
P31
MTIOC4D
CTS1#/RTS1#/SS1#
IRQ1
6MD
FINED
7RES#
8
XCOUT
9XCIN
PH7
10
UPSEL
P35
NMI
11
XTAL
12
EXTAL
13
VCL
14
VSS
15
VCC
16
P32
MTIOC0C/RTCOUT
IRQ2
17
P17
MTIOC0C/MTIOC3A/
MTIOC3B/POE8#
SCK1/MISOA/SDA0/RXD12/RXDX12/
SMISO12/SSCL12
IRQ7
18
P16
MTIOC3C/MTIOC3D/
RTCOUT
TXD1/SMOSI1/SSDA1/MOSIA/SCL0/
USB0_VBUS/USB0_VBUSEN/
USB0_OVRCURB
IRQ6/ADTRG0#
19
P15
MTIOC0B/MTCLKB
RXD1/SMISO1/SSCL1/RSPCKA
IRQ5/CLKOUT
20
UB#
P14
MTIOC0A/MTIOC3A/
MTCLKA
CTS1#/RTS1#/SS1#/SSLA0/TXD12/
TXDX12/SIOX12/SMOSI12/SSDA12/
USB0_OVRCURA
IRQ4
21
VCC_USB
22
USB0_DM
23
USB0_DP
24
VSS_USB
25
P55
MTIOC4D
26
P54
MTIOC4B
27
PC7
MTIOC3A/MTCLKB
TXD1/SMOSI1/SSDA1/MISOA/
USB0_OVRCURB
CACREF
28
PC6
MTIOC3C/MTCLKA
RXD1/SMISO1/SSCL1/MOSIA/
USB0_EXICEN
29
PC5
MTIOC3B/MTCLKD
SCK1/RSPCKA/USB0_ID
30
PC4
MTIOC3D/MTCLKC/POE0#
SCK5/SSLA0/USB0_VBUS*1/
USB0_VBUSEN
IRQ2/CLKOUT
31
PC3
MTIOC4D
TXD5/SMOSI5/SSDA5
32
PC2
MTIOC4B
RXD5/SMISO5/SSCL5/SSLA3
33
PB7/PC1
MTIOC3B
34
PB6/PC0
MTIOC3D
35
PB5
MTIOC2A/MTIOC1B/POE1#
36
PB3
MTIOC0A/MTIOC3B/
MTIOC4A/POE3#
USB0_OVRCURA
37
PB1
MTIOC0C/MTIOC4C
IRQ4
38
VCC
39
PB0
MTIC5W/MTIOC0C/
RTCOUT
SCL0/RSPCKA
IRQ2/ADTRG0#
40
VSS
41
PA6
MTIC5V/MTCLKB/MTIOC2A/
POE2#
CTS5#/RTS5#/SS5#/SDA0/MOSIA
IRQ3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com