Electronic Components Datasheet Search
  English  ▼

X  

RX111 Datasheet(PDF) 19 Page - Renesas Technology Corp

Part # RX111
Description  32 MHz 32-bit RX MCUs, 50 DMIPS, up to 128 Kbytes of flash memory
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RX111 Datasheet(HTML) 19 Page - Renesas Technology Corp

Back Button RX111 Datasheet HTML 15Page - Renesas Technology Corp RX111 Datasheet HTML 16Page - Renesas Technology Corp RX111 Datasheet HTML 17Page - Renesas Technology Corp RX111 Datasheet HTML 18Page - Renesas Technology Corp RX111 Datasheet HTML 19Page - Renesas Technology Corp RX111 Datasheet HTML 20Page - Renesas Technology Corp RX111 Datasheet HTML 21Page - Renesas Technology Corp RX111 Datasheet HTML 22Page - Renesas Technology Corp RX111 Datasheet HTML 23Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 110 page
background image
R01DS0190EJ0100 Rev.1.00
Page 19 of 107
Jun 19, 2013
RX111 Group
1. Overview
Note 1. Not 5 V tolerant.
42
PA4
MTIC5U/MTCLKA/MTIOC2B
TXD5/SMOSI5/SSDA5/SSLA0
IRQ5
43
PA3
MTIOC0D/MTCLKD/
MTIOC1B/POE0#
RXD5/SMISO5/SSCL5/MISOA
IRQ6
44
PA1
MTIOC0B/MTCLKC/
RTCOUT
SCK5/SSLA2
45
PA0
MTIOC4A
SSLA1
CACREF
46
PE5
MTIOC4C/MTIOC2B
IRQ5/AN013
47
PE4
MTIOC4D/MTIOC1A/
MTIOC3A
MOSIA
IRQ4/AN012
48
PE3
MTIOC0A/MTIOC1B/
MTIOC4B/POE8#
CTS12#/RTS12#/SS12#/RSPCKA
IRQ3/AN011
49
PE2
MTIOC4A
RXD12/RXDX12/SMISO12/SSCL12
IRQ7/AN010
50
PE1
MTIOC4C
TXD12/TXDX12/SIOX12/SMOSI12/
SSDA12
IRQ1/AN009
51
PE0
MTIOC2A/POE3#
SCK12
IRQ0/AN008
52
PE7
IRQ7/AN015
53
PE6
IRQ6/AN014
54
P46
AN006
55
P44
AN004
56
P43
AN003
57
P42
AN002
58
P41
AN001
59
VREFL0
PJ7
60
P40
AN000
61
VREFH0
PJ6
62
AVSS0
63
AVCC0
64
P05
DA1
Table 1.5
List of Pins and Pin Functions (64-Pin LQFP) (2/2)
Pin
No.
Power Supply, Clock,
System Control
I/O Port
Timers
(MTU, POE, RTC)
Communication
(SCIe, SCIf, RSPI, RIIC, USB)
Others



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com