Electronic Components Datasheet Search
  English  ▼

X  

BA4558RF Datasheet(PDF) 11 Page - Rohm

Part # BA4558RF
Description  Low Noise Operational Amplifiers
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA4558RF Datasheet(HTML) 11 Page - Rohm

Back Button BA4558RF Datasheet HTML 7Page - Rohm BA4558RF Datasheet HTML 8Page - Rohm BA4558RF Datasheet HTML 9Page - Rohm BA4558RF Datasheet HTML 10Page - Rohm BA4558RF Datasheet HTML 11Page - Rohm BA4558RF Datasheet HTML 12Page - Rohm BA4558RF Datasheet HTML 13Page - Rohm BA4558RF Datasheet HTML 14Page - Rohm BA4558RF Datasheet HTML 15Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 49 page
background image
Technical Note
11/48
BA4558F,BA4558R F/FV/FVM,BA4560F,BA4560RF/FV/FVM,BA4564RFVBA4580RF/FVM,BA4584FV,
BA4584RF/FV,BA8522RF/FV/FVM,BA15218F,BA14741F,BA15532F,BA4510F/FV,BA2115F/FVM
www.rohm.com
2011.08 - Rev.B
© 2011 ROHM Co., Ltd. All rights reserved.
●
Electrical characteristics
○
BA14741 family (Unless otherwise specified VCC=+15[V], VEE=-15[V], Ta=25[℃])
Parameter
Symbol Temperature
Range
Limits
Unit
Condition
BA14741F
Min.
Typ.
Max.
Input Offset Voltage
(*27)
Vio
25℃
-
1.0
5.0
mV
Rs≦10[kΩ]
Input Offset Current
(*27)
Iio
25℃
-
10
50
nA
Input Bias Current
(*28)
Ib
25℃
-
60
300
nA
Large Signal Voltage Gain
Av
25℃
20
100
-
V/mV RL≧2[kΩ], Vo=±10[V]
Common-mode Rejection Ratio
CMRR
25℃
80
100
-
dB
Input Common-mode Voltage Range
Vicm
25℃
±12
±13.5
-
V
Power Supply Rejection Ratio
PSRR
25℃
80
100
-
dB
Supply Current
ICC
25℃
-
3.0
7.0
mA
RL=∞ All Op-Amps
Maximum Output Voltage
VOH
25℃
10
12.5
-
V
Vin+=1[V], Vin-=0[V],
RL=2[kΩ]
VOL
25℃
-10
-12.5
-
V
Vin+=0[V], Vin-=1[V],
RL=2[kΩ]
Maximum Output
Current
Source
IOH
25℃
10
20
-
mA
Vin+=1[V], Vin-=0[V],
VO=0[V]
Sink
IOL
25℃
5
10
-
mA
Vin+=0[V], Vin-=1[V],
VO=0[V]
Slew Rate
SR
25℃
-
1.0
-
V/μs Av=1, RL=2[kΩ]
Input Referred Noise Voltage
Vn
25℃
-
2.0
4.0
μVrms
RIAA, Rs=2.2[kΩ],
10[Hz]~30[kHz]
Channel Separation
CS
25℃
-
100
-
dB
f=1[kHz ] input referred
(*27) Absolute value.
(*28) Current direction: Since first input stage is composed with PNP transistor, input bias current flows out of IC.
●
Electrical characteristics
○
BA15532 family (Unless otherwise specified VCC=+15[V], VEE=-15[V], Ta=25[℃])
Parameter
Symbol Temperature
Range
Limits
Unit
Condition
BA15532F
Min.
Typ.
Max.
Input Offset Voltage
(*29)
Vio
25℃
-
0.5
4.0
mV
Rs=50[Ω], RL≧10[kΩ]
Input Offset Current
(*29)
Iio
25℃
-
10
150
nA
RL≧10[kΩ]
Input Bias Current
(*30)
Ib
25℃
-
200
800
nA
RL≧10[kΩ]
Large Signal Voltage Gain
Av
25℃
80
94
-
dB
RL≧600[Ω], Vo=±10[V]
Common-mode Rejection Ratio
CMRR
25℃
70
100
-
dB
RL≧10[kΩ]
Input Common-mode Voltage Range
Vicm
25℃
±12
±13
-
V
RL≧10[kΩ]
Power Supply Rejection Ratio
PSRR
25℃
80
100
-
dB
Rs=50[Ω], RL≧10[kΩ]
Supply Current
Icc
25℃
-
8.0
16.0
mA
RL=∞ All Op-Amps
Maximum Output Voltage
VOH
25℃
±12
±13
-
V
RL≧600[Ω]
VOL
25℃
±15
±16
-
V
RL≧600[Ω]
VCC=18[V], VEE=-18[V]
Output Short Current
(*31)
lOS
25℃
-
38
-
mA
Slew Rate
SR
25℃
-
8.0
-
V/μs Av=1, RL=600[Ω],
CL=100[pF]
Gain Bandwidth Product
GBW
25℃
-
20
-
MHz
f=10[kHz], RL=600[Ω],
CL=100[pF]
Input Referred Noise Voltage
Vn
25℃
-
0.7
1.5
μVrms RIAA, Rs=100[Ω],
20[Hz]~30[kHz]
Channel Separation
CS
25℃
-
110
-
dB
RIAA Input referred
(*29) Absolute value
(*30) Current direction: Since first input stage is composed with NPN transistor, input bias current flows out of IC.
(*31) In the case of output pin shorting with VCC or VEE. But never over the maximum power dissipation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com