Electronic Components Datasheet Search
  English  ▼

X  

BA4558RF Datasheet(PDF) 34 Page - Rohm

Part # BA4558RF
Description  Low Noise Operational Amplifiers
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA4558RF Datasheet(HTML) 34 Page - Rohm

Back Button BA4558RF Datasheet HTML 30Page - Rohm BA4558RF Datasheet HTML 31Page - Rohm BA4558RF Datasheet HTML 32Page - Rohm BA4558RF Datasheet HTML 33Page - Rohm BA4558RF Datasheet HTML 34Page - Rohm BA4558RF Datasheet HTML 35Page - Rohm BA4558RF Datasheet HTML 36Page - Rohm BA4558RF Datasheet HTML 37Page - Rohm BA4558RF Datasheet HTML 38Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 49 page
background image
Technical Note
34/48
BA4558F,BA4558R F/FV/FVM,BA4560F,BA4560RF/FV/FVM,BA4564RFVBA4580RF/FVM,BA4584FV,
BA4584RF/FV,BA8522RF/FV/FVM,BA15218F,BA14741F,BA15532F,BA4510F/FV,BA2115F/FVM
www.rohm.com
2011.08 - Rev.B
© 2011 ROHM Co., Ltd. All rights reserved.
●
Reference Data BA14741 family
(*)The above data is ability value of sample, it is not guaranteed.
0.0001
0.001
0.01
0.1
1
0.1
1
10
OUTPUT VOLTAGE [Vrms]
Total Harmonic Distortion - Output Voltage
(VCC/VEE=+15[V]/-15[V], Av=20[dB],
RL=2[kΩ],80[kHz]-LPF,Ta=25[℃])
Maximum Output Voltage Swing - Frequency
(VCC/VEE=+15[V]/-15[V], RL=2[kΩ],Ta=25[℃])
Equivalent Input Noise Voltage - Frequency
(VCC/VEE=+15[V]/-15[V], Rs=100[Ω],Ta=25[℃])
0
20
40
60
80
1
10
100
1000
10000
FREQUENCY [Hz]
0
25
50
75
100
125
150
-50
-25
0
25
50
75
100
AMBIENT TEMPERATURE [℃]
0.0
0.5
1.0
1.5
2.0
2.5
3.0
±0
±2
±4
±6
±8 ±10 ±12 ±14 ±16
SUPPLY VOLTAGE [V]
0
25
50
75
100
125
150
-50
-25
0
25
50
75
100
AMBIENT TEMPERATURE [°C]
-30
-20
-10
0
10
20
30
-50
-25
0
25
50
75
100
AMBIENT TEMPERATURE [°C]
Input Offset Current - Ambient Temperature
(Vicm=0[V], Vout=0[V])
-30
-20
-10
0
10
20
30
±0
±4
±8
±12
±16
±20
SUPPLY VOLTAGE [V]
85℃
-40℃
25℃
Input Offset Current - Supply Voltage
(Vicm=0[V], Vout=0[V])
±18V
±2V
±15V
0
5
10
15
20
25
30
1
10
100
1000
FREQUENCY [kHz]
-5
-4
-3
-2
-1
0
1
2
3
4
5
02
4
6
8
COMMON MODE INPUT VOLTAGE [V]
Input Offset Voltage
- Common Mode Input Voltage
(VCC=8[V], Vout=4[V])
85℃
25℃
-40℃
0
10
20
30
40
50
60
1.E+00
1.E+02
1.E+04
1.E+06
1.E+08
FREQUENCY [Hz]
-180
-150
-120
-90
-60
-30
0
GAIN
PHASE
Voltage Gain - Frequency
(VCC/VEE=+15[V]/-15[V], Av=40[dB],RL=2[kΩ],Ta=25[℃])
BA14741 family
BA14741 family
BA14741 family
BA14741 family
BA14741 family
BA14741 family
BA14741 family
BA14741 family
Fig. 233
Fig. 234
Fig. 235
Fig. 236
Fig. 237
Fig. 238
Fig. 239
Fig.240
Fig. 241
Fig. 242
BA14741 family
20Hz
1kHz
20kHz
BA14741 family
Slew Rate - Supply Voltage
(CL=100[pF], RL=2[kΩ], Ta=25[℃])
Common Mode Rejection Ratio
- Ambient Temperature
(VCC/VEE=+15[V]/-15[V], Vicm=-12[V] to +12[V])
Power Supply Rejection Ratio
- Ambient Temperature
(VCC/VEE=+2[V]/-2[V] to +15[V]/-15[V])



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com