Electronic Components Datasheet Search
  English  ▼

X  

BA4558RF Datasheet(PDF) 28 Page - Rohm

Part # BA4558RF
Description  Low Noise Operational Amplifiers
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA4558RF Datasheet(HTML) 28 Page - Rohm

Back Button BA4558RF Datasheet HTML 24Page - Rohm BA4558RF Datasheet HTML 25Page - Rohm BA4558RF Datasheet HTML 26Page - Rohm BA4558RF Datasheet HTML 27Page - Rohm BA4558RF Datasheet HTML 28Page - Rohm BA4558RF Datasheet HTML 29Page - Rohm BA4558RF Datasheet HTML 30Page - Rohm BA4558RF Datasheet HTML 31Page - Rohm BA4558RF Datasheet HTML 32Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 49 page
background image
Technical Note
28/48
BA4558F,BA4558R F/FV/FVM,BA4560F,BA4560RF/FV/FVM,BA4564RFVBA4580RF/FVM,BA4584FV,
BA4584RF/FV,BA8522RF/FV/FVM,BA15218F,BA14741F,BA15532F,BA4510F/FV,BA2115F/FVM
www.rohm.com
2011.08 - Rev.B
© 2011 ROHM Co., Ltd. All rights reserved.
●
Reference Data BA4584R family
(*)The above data is ability value of sample, it is not guaranteed.
0
20
40
60
80
1
100
10000
FREQUENCY [Hz]
0.0001
0.001
0.01
0.1
1
0.1
1
10
OUTPUT VOLTAGE [Vrms]
0
5
10
15
20
1
10
100
1000
FREQUENCY [kHz]
20kHz
20Hz
1kHz
0
25
50
75
100
125
150
-50
-25
0
25
50
75
100
125
AMBIENT TEMPERATURE [℃]
-10
-5
0
5
10
±0
±2
±4
±6
±8
±10 ±12 ±14 ±16
SUPPLY VOLTAGE [V]
0
25
50
75
100
125
150
-50
-25
0
25
50
75
100
125
AMBIENT TEMPERATURE [°C]
BA4584R family
BA4584R family
BA4584R family
-30
-20
-10
0
10
20
30
±0
±2
±4
±6
±8
±10
SUPPLY VOLTAGE [V]
-5
-4
-3
-2
-1
0
1
2
3
4
5
02
46
8
COMMON MODE INPUT VOLTAGE [V]
-30
-20
-10
0
10
20
30
-50
-25
0
25
50
75
100
125
AMBIENT TEMPERATURE [°C]
Input Offset Current - Ambient Temperature
(Vicm=0[V], Vout=0[V])
105℃
-40℃
25℃
Input Offset Current - Supply Voltage
(Vicm=0[V], Vout=0[V])
±2V
±9.5V
±4.5V
Input Offset Voltage
- Common Mode Input Voltage
(VCC=8[V], Vout=4[V])
105℃
25℃
-40℃
Voltage Gain - Frequency
(VCC/VEE=+9.5[V]/-9.5[V],Av=40[dB],RL=2[kΩ],Ta=25[℃])
BA4584R family
BA4584R family
BA4584R family
BA4584R family
BA4584R family
BA4584R family
Fig. 167
Fig. 168
Fig. 169
Fig. 170
Fig. 171
Fig. 172
Fig. 173
Fig. 174
Fig. 175
Fig. 176
BA4584R family
0
10
20
30
40
50
60
1.E-01 1.E+00 1.E+01 1.E+02 1.E+03 1.E+04
FREQUENCY [kHz]
-180
-150
-120
-90
-60
-30
0
GAIN
PHASE
Equivalent Input Noise Voltage - Frequency
(VCC/VEE=+9.5[V]/-9.5[V],Rs=100[Ω],Ta=25[℃])
Total Harmonic Distortion - Output Voltage
(VCC/VEE=+9.5[V]/-9.5[V], Av=20[dB],
RL=2[kΩ],80[kHz]-LPF,Ta=25[℃])
Maximum Output Voltage Swing - Frequency
(VCC/VEE=+9.5[V]/-9.5[V],RL=2[kΩ],Ta=25[℃])
Slew Rate - Supply Voltage
(CL=100[pF],RL=2[kΩ],Ta=25[℃])
Common Mode Rejection Ratio
- Ambient Temperature
(VCC/VEE=+9.5[V]/-9.5[V], Vicm=-12[V] to +12[V])
Power Supply Rejection Ratio
- Ambient Temperature
(VCC/VEE=+2[V]/-2[V] to +9.5[V]/-9.5[V])



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com