Electronic Components Datasheet Search
  English  ▼

X  

BA4558RF Datasheet(PDF) 23 Page - Rohm

Part # BA4558RF
Description  Low Noise Operational Amplifiers
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA4558RF Datasheet(HTML) 23 Page - Rohm

Back Button BA4558RF Datasheet HTML 19Page - Rohm BA4558RF Datasheet HTML 20Page - Rohm BA4558RF Datasheet HTML 21Page - Rohm BA4558RF Datasheet HTML 22Page - Rohm BA4558RF Datasheet HTML 23Page - Rohm BA4558RF Datasheet HTML 24Page - Rohm BA4558RF Datasheet HTML 25Page - Rohm BA4558RF Datasheet HTML 26Page - Rohm BA4558RF Datasheet HTML 27Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 49 page
background image
Technical Note
23/48
BA4558F,BA4558R F/FV/FVM,BA4560F,BA4560RF/FV/FVM,BA4564RFVBA4580RF/FVM,BA4584FV,
BA4584RF/FV,BA8522RF/FV/FVM,BA15218F,BA14741F,BA15532F,BA4510F/FV,BA2115F/FVM
www.rohm.com
2011.08 - Rev.B
© 2011 ROHM Co., Ltd. All rights reserved.
●
Reference Data BA4580R family
(*)The above data is ability value of sample, it is not guaranteed.
0.0
2.0
4.0
6.0
8.0
10.0
0
5
10
15
20
25
30
35
SUPPLY VOLTAGE [V]
0
200
400
600
800
1000
0
25
50
75
100
125
AMBIENT TEMPERATURE [℃]
.
0.0
2.0
4.0
6.0
8.0
10.0
-50
-25
0
25
50
75
100
AMBIENT TEMPERATURE [℃]
-20
-15
-10
-5
0
5
10
15
20
±2
±4
±6
±8
±10 ±12 ±14 ±16 ±18
SUPPLY VOLTAGE [V]
0
20
40
60
80
100
120
140
160
180
200
±0
±2
±4
±6
±8 ±10 ±12 ±14 ±16
SUPPLY VOLTAGE [V]
Input Offset Voltage - Supply Voltage
(Vicm=0[V], Vout=0[V])
-20
-15
-10
-5
0
5
10
15
20
0.1
1
10
LOAD RESISTANCE [kΩ]
Derating Curve
-6
-4
-2
0
2
4
6
-50
-25
0
25
50
75
100
125
AMBIENT TEMPERATURE [℃]
Input Offset Voltage - Ambient Temperature
(Vicm=0[V], Vout=0[V])
0
20
40
60
80
100
120
140
160
180
200
-50
-25
0
25
50
75
100
125
AMBIENT TEMPERATURE [℃]
Input Bias Current - Ambient Temperature
(Vicm=0[V], Vout=0[V])
-40℃
25℃
105℃
±2V
±7.5V
±15V
Input Bias Current - Supply Voltage
(Vicm=0[V], Vout=0[V])
±15V
±7.5V
±2V
Maximum Output Voltage
- Load Resistance
(VCC/VEE=+15[V]/-15[V],Ta=25[℃])
0
5
10
15
20
25
30
0.1
1
10
LOAD RESISTANCE [kΩ]
Maximum Output Voltage Swing
- Load Resistance
(VCC/VEE=+15[V]/-15[V],Ta=25[℃])
VOH
BA4580RF
BA4580R family
25℃
105℃
BA4580R family
Supply Current - Supply Voltage
-40℃
Supply Current - Ambient Temperature
BA4580R family
±2 V
±15V
±7.5 V
Maximum Output Voltage
- Supply Voltage
(RL=2[kΩ],Ta=25[℃])
VOH
Maximum Output Voltage
- Ambient Temperature
(VCC/VEE=+15[V]/-15[V], RL=2[kΩ])
Maximum Output Voltage
- Ambient Temperature
(VCC/VEE=+15[V]/-15[V],Ta=25[℃])
VOL
VOL
BA4580RFVM
BA4580R family
BA4580R family
BA4580R family
-20
-15
-10
-5
0
5
10
15
20
-50
-25
0
25
50
75
100
125
AMBIENT TEMPERATURE [℃]
VOH
VOL
BA4580R family
-20
-15
-10
-5
0
5
10
15
20
0
5
10
15
20
25
OUTPUT CURRENT [mA]
VOL
VOH
BA4580R family
-6
-4
-2
0
2
4
6
±0
±2
±4
±6
±8 ±10 ±12 ±14 ±16
SUPPLY VOLTAGE [V]
-40℃
105℃
25℃
BA4580R family
BA4580R family
BA4580R family
BA4580R family
Fig. 111
Fig. 112
Fig. 113
Fig. 114
Fig.115
Fig. 116
Fig. 117
Fig. 118
Fig.119
Fig. 120
Fig. 121
Fig. 122
105



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com