Electronic Components Datasheet Search
  English  ▼

X  

BA4558RF Datasheet(PDF) 33 Page - Rohm

Part # BA4558RF
Description  Low Noise Operational Amplifiers
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA4558RF Datasheet(HTML) 33 Page - Rohm

Back Button BA4558RF Datasheet HTML 29Page - Rohm BA4558RF Datasheet HTML 30Page - Rohm BA4558RF Datasheet HTML 31Page - Rohm BA4558RF Datasheet HTML 32Page - Rohm BA4558RF Datasheet HTML 33Page - Rohm BA4558RF Datasheet HTML 34Page - Rohm BA4558RF Datasheet HTML 35Page - Rohm BA4558RF Datasheet HTML 36Page - Rohm BA4558RF Datasheet HTML 37Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 49 page
background image
Technical Note
33/48
BA4558F,BA4558R F/FV/FVM,BA4560F,BA4560RF/FV/FVM,BA4564RFVBA4580RF/FVM,BA4584FV,
BA4584RF/FV,BA8522RF/FV/FVM,BA15218F,BA14741F,BA15532F,BA4510F/FV,BA2115F/FVM
www.rohm.com
2011.08 - Rev.B
© 2011 ROHM Co., Ltd. All rights reserved.
●
Reference Data BA14741 family
(*)The above data is ability value of sample, it is not guaranteed.
0.0
2.0
4.0
6.0
8.0
0
5
10
15
20
25
30
35
40
SUPPLY VOLTAGE [V]
0
200
400
600
800
1000
0
25
50
75
100
125
AMBIENT TEMPERATURE [℃]
.
-20
-15
-10
-5
0
5
10
15
20
0.1
1
10
LOAD RESISTANCE [kΩ]
Derating Curve
-6
-4
-2
0
2
4
6
±0
±4
±8
±12
±16
±20
SUPPLY VOLTAGE [V]
-40℃
85℃
25℃
0
20
40
60
80
100
120
140
160
180
200
±0
±4
±8
±12
±16
±20
SUPPLY VOLTAGE [V]
-40℃
25℃
85℃
-6
-4
-2
0
2
4
6
-50
-25
0
25
50
75
100
AMBIENT TEMPERATURE [℃]
±2V
±15V
±18V
0
20
40
60
80
100
120
140
160
180
200
-50
-25
0
25
50
75
100
AMBIENT TEMPERATURE [℃]
±2V
±15V
±18V
Maximum Output Voltage
- Load Resistance
(VCC/VEE=+15[V]/-15[V],Ta=25[℃])
0
5
10
15
20
25
30
0.1
1
10
LOAD RESISTANCE [kΩ]
Maximum Output Voltage Swing
- Load Resistance
(VCC/VEE=+15[V]/-15[V],Ta=25[℃])
VOH
BA14741F
25℃
85℃
BA14741 family
Supply Current - Supply Voltage
-40℃
0.0
2.0
4.0
6.0
8.0
-50
-25
0
25
50
75
100
AMBIENT TEMPERATURE [℃]
Supply Current - Ambient Temperature
BA14741 family
±2 V
±18V
±15 V
-20
-15
-10
-5
0
5
10
15
20
±0 ±2 ±4
±6
±8 ±10 ±12 ±14 ±16 ±18
SUPPLY VOLTAGE [V]
Maximum Output Voltage
- Supply Voltage
(RL=2[kΩ],Ta=25[℃])
VOH
-20
-15
-10
-5
0
5
10
15
20
-50
-25
0
25
50
75
100
AMBIENT TEMPERATURE [℃]
VOH
VOL
VOL
VOL
-20
-15
-10
-5
0
5
10
15
20
0
5
10
15
20
OUTPUT CURRENT [mA]
VOL
VOH
BA14741 family
BA14741 family
BA14741 family
BA14741 family
BA14741 family
BA14741 family
BA14741 family
BA14741 family
BA14741 family
BA14741 family
Fig. 221
Fig. 222
Fig. 223
Fig. 224
Fig. 225
Fig. 226
Fig. 227
Fig. 228
Fig. 229
Fig. 230
Fig. 231
Fig. 232
85
Input Offset Voltage - Supply Voltage
(Vicm=0[V], Vout=0[V])
Maximum Output Voltage
- Ambient Temperature
(VCC/VEE=+15[V]/-15[V], RL=2[kΩ])
Maximum Output Voltage
- Output Current
(VCC/VEE=+15[V]/-15[V],Ta=25[℃])
Input Offset Voltage - Ambient Temperature
(Vicm=0[V], Vout=0[V])
Input Bias Current - Ambient Temperature
(Vicm=0[V], Vout=0[V])
Input Bias Current - Supply Voltage
(Vicm=0[V], Vout=0[V])



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com