Electronic Components Datasheet Search
  English  ▼

X  

BA4558RF Datasheet(PDF) 30 Page - Rohm

Part # BA4558RF
Description  Low Noise Operational Amplifiers
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA4558RF Datasheet(HTML) 30 Page - Rohm

Back Button BA4558RF Datasheet HTML 26Page - Rohm BA4558RF Datasheet HTML 27Page - Rohm BA4558RF Datasheet HTML 28Page - Rohm BA4558RF Datasheet HTML 29Page - Rohm BA4558RF Datasheet HTML 30Page - Rohm BA4558RF Datasheet HTML 31Page - Rohm BA4558RF Datasheet HTML 32Page - Rohm BA4558RF Datasheet HTML 33Page - Rohm BA4558RF Datasheet HTML 34Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 49 page
background image
Technical Note
30/48
BA4558F,BA4558R F/FV/FVM,BA4560F,BA4560RF/FV/FVM,BA4564RFVBA4580RF/FVM,BA4584FV,
BA4584RF/FV,BA8522RF/FV/FVM,BA15218F,BA14741F,BA15532F,BA4510F/FV,BA2115F/FVM
www.rohm.com
2011.08 - Rev.B
© 2011 ROHM Co., Ltd. All rights reserved.
●
Reference Data BA8522R family
(*)The above data is ability value of sample, it is not guaranteed.
-30
-20
-10
0
10
20
30
±0
±2
±4
±6
±8 ±10 ±12 ±14 ±16
SUPPLY VOLTAGE [V]
-5
-4
-3
-2
-1
0
1
2
3
4
5
-15
-10
-5
0
5
10
15
COMMON MODE INPUT VOLTAGE [V]
0
20
40
60
80
1
100
10000
FREQUENCY [Hz]
0
25
50
75
100
125
150
-50
-25
0
25
50
75
100
125
AMBIENT TEMPERATURE [℃]
0
1
2
3
4
5
±0
±2
±4
±6
±8
±10 ±12 ±14 ±16
SUPPLY VOLTAGE [V]
0
25
50
75
100
125
150
-50
-25
0
25
50
75
100
125
AMBIENT TEMPERATURE [°C]
-30
-20
-10
0
10
20
30
-50
-250
255075
100
125
AMBIENT TEMPERATURE [°C]
Input Offset Current - Ambient Temperature
(Vicm=0[V], Vout=0[V])
105℃
-40℃
25℃
Input Offset Current - Supply Voltage
(Vicm=0[V], Vout=0[V])
±2V
±15V
±7.5V
0
5
10
15
20
25
30
1
10
100
1000
FREQUENCY [kHz]
Input Offset Voltage
- Common Mode Input Voltage
(VCC=8[V], Vout=4[V])
105℃
25℃
-40℃
Voltage Gain - Frequency
(VCC/VEE=+15[V]/-15[V],Av=40[dB],RL=2[kΩ],Ta=25[℃])
0.0001
0.001
0.01
0.1
1
0.1
1
10
OUTPUT VOLTAGE [Vrms]
20kHz
20Hz
1kHz
BA8522R family
BA8522R family
BA8522R family
BA8522R family
BA8522R family
BA8522R family
BA8522R family
BA8522R family
BA8522R family
Fig. 189
Fig. 190
Fig. 191
Fig. 192
Fig. 193
Fig. 194
Fig. 195
Fig. 196
Fig. 197
Fig. 198
Slew Rate - Supply Voltage
(CL=100[pF],RL=2[kΩ],Ta=25[℃])
Common Mode Rejection Ratio
- Ambient Temperature
(VCC/VEE=+15[V]/-15[V],Vicm=-12[V] to +12[V])
Power Supply Rejection Ratio
- Ambient Temperature
(VCC/VEE=+2[V]/-2[V] to +15[V]/-15[V])
0
10
20
30
40
50
60
1.E-01 1.E+00 1.E+01 1.E+02 1.E+03 1.E+04
FREQUENCY [kHz]
0
30
60
90
120
150
180
GAIN
PHASE
BA8522R family
Equivalent Input Noise Voltage - Frequency
(VCC/VEE=+15[V]/-15[V],Rs=100[Ω],Ta=25[℃])
Total Harmonic Distortion - Output Voltage
(VCC/VEE=+15[V]/-15[V],Av=20[dB],
RL=2[kΩ],80[kHz]-LPF,Ta=25[℃])
Maximum Output Voltage Swing - Frequency
(VCC/VEE=+15[V]/-15[V],RL=2[kΩ],Ta=25[℃])



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com