Electronic Components Datasheet Search
  English  ▼

X  

APE1920MP Datasheet(PDF) 4 Page - Advanced Power Electronics Corp.

Part # APE1920MP
Description  680K/1.2MHz, HIGH VOLTAGE, BOOST CONVERTER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-POWER [Advanced Power Electronics Corp.]
Direct Link  http://www.a-power.com.tw
Logo A-POWER - Advanced Power Electronics Corp.

APE1920MP Datasheet(HTML) 4 Page - Advanced Power Electronics Corp.

  APE1920MP Datasheet HTML 1Page - Advanced Power Electronics Corp. APE1920MP Datasheet HTML 2Page - Advanced Power Electronics Corp. APE1920MP Datasheet HTML 3Page - Advanced Power Electronics Corp. APE1920MP Datasheet HTML 4Page - Advanced Power Electronics Corp. APE1920MP Datasheet HTML 5Page - Advanced Power Electronics Corp. APE1920MP Datasheet HTML 6Page - Advanced Power Electronics Corp. APE1920MP Datasheet HTML 7Page - Advanced Power Electronics Corp. APE1920MP Datasheet HTML 8Page - Advanced Power Electronics Corp. APE1920MP Datasheet HTML 9Page - Advanced Power Electronics Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
Advanced Power
Electronics Corp.
APE1920
ABSOLUTE MAXIMUM RATINGS (at T
A=25°C)
VCC Pin Voltage (VCC) ------------------------------------- GND - 0.3 to GND + 6V
EN, FREQ,COMP,FB,SS, Pin Voltage ----------------
GND - 0.3 to VCC + 0.3V
LX Pin Voltage(VLX) ---------------------------------------
30V
Power Dissipation(PD) ------------------------------------- ( TJ-TA ) / RthjamW
Storage Temperature Range(TST) --------------------- -65°C To 150°C
Operating Junction Temperature Range(TOP) ------ -40 to +125
oC
Thermal Resistance from Junction to Case
ESOP-8
15
oC/W
MESOP-8
30
oC/W
MESOP-10
30
oC/W
TDFN 3x3-10L
20
oC/W
Thermal Resistance from Junction to Ambient
ESOP-8
40
oC/W
MESOP-8
80
oC/W
MESOP-10
80
oC/W
TDFN 3x3-10L
55
oC/W
Note: Rthja is measured with the PCB copper area of approximately 1.5 in
2(Multi-layer). That copper area needs connect to exposed pad.
ELECTRICAL SPECIFICATIONS
(VIN=5V, VOUT=12V, VEN=VIN, TA=25
oC, unless otherwise noted)
Parameter
SYM
TEST CONDITION
MIN
TYP
MAX
UNITS
Input Voltage Range
VCC
2.6
-
5.5
V
Under Voltage Lockout
UVLO
Rising
-
2.35
2.6
V
UVLO Hysteresis
-
-150
-
mV
Step-Up Voltage Adjust Range
VOUT
VCC+0.5
-27
V
Operating Quiescent Current
ICCQ
IOUT= 0mA, VFB=1.5V
-
150
250
μA
Shutdown Current
ISD
VEN=0V
-
0.1
1
μA
Feedback Voltage
VFB
1.219
1.238 1.257
V
FB Input Leakage Current
IFB-LKG
VFB = 1.5V
-100
0.01
100
nA
Line Regulation
VIN=2.6 to 5.5V, IOUT=20mA
-
0.2
-
%
Load Regulation
VIN=5V, IOUT= 1mA to 0.7A
-
0.3
-
%
FREQ=High
900
1200
1500
FREQ=Low
500
680
850
FREQ High-level Input Voltage
VFQ-IH
2-
-
FREQ Low-level Input Voltage
VFQ-IL
-
-
0.5
FREQ Input Leakage Current
IFQ-LKG
FREQ=GND
-
-
0.1
uA
Soft Start Current
ISS
47
13
μA
N-channel MOSFET Current Llimit
ILIM
Duty=40%
3
3.8
4.5
A
4
Oscillator Frequency
FOSC
KHz
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com