Electronic Components Datasheet Search
  English  ▼

X  

APE1920MP Datasheet(PDF) 2 Page - Advanced Power Electronics Corp.

Part # APE1920MP
Description  680K/1.2MHz, HIGH VOLTAGE, BOOST CONVERTER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-POWER [Advanced Power Electronics Corp.]
Direct Link  http://www.a-power.com.tw
Logo A-POWER - Advanced Power Electronics Corp.

APE1920MP Datasheet(HTML) 2 Page - Advanced Power Electronics Corp.

  APE1920MP Datasheet HTML 1Page - Advanced Power Electronics Corp. APE1920MP Datasheet HTML 2Page - Advanced Power Electronics Corp. APE1920MP Datasheet HTML 3Page - Advanced Power Electronics Corp. APE1920MP Datasheet HTML 4Page - Advanced Power Electronics Corp. APE1920MP Datasheet HTML 5Page - Advanced Power Electronics Corp. APE1920MP Datasheet HTML 6Page - Advanced Power Electronics Corp. APE1920MP Datasheet HTML 7Page - Advanced Power Electronics Corp. APE1920MP Datasheet HTML 8Page - Advanced Power Electronics Corp. APE1920MP Datasheet HTML 9Page - Advanced Power Electronics Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
Advanced Power
Electronics Corp.
(2) FREQ=Low (Frequency=680KHz) (MESOP-10 and TDFN 3x3-10L)
(3) FREQ=High (Frequency=1.2MHz) (ESOP-8/MESOP-8)
2
APE1920
TYPICAL APPLICATION
R8
15K
VIN=5V
C2
2*10uF
L1
6.8uH
R2
130K
VOUT=12V
C7
150pF
U1
APE1920
VCC
EN
COMP
FB
SS
SGND
PGND
FREQ
LX
C3
0.1uF
C3
3*10uF
R6
56K
C6
10nF
D1
B340A
LX
R3
R4
1M
C5
1nF
R8
R2
VOUT = 1.238V X (1 + ------- )
R8 Suggest 10K~30K
R7
10K
C1
220pF
VIN < 4.5V, R3= 10Ω
VIN > 4.5V, R3=100Ω
4.7~100
R8
15K
VIN=5V
C2
2*10uF
L1
4.7uH
R2
130K
VOUT=12V
C7
100pF
U1
APE1920
VCC
EN
COMP
FB
SS
GND
FREQ
LX
C4
0.1uF
C3
3*10uF
R6
100K
C6
10nF
D1
B340A
R3
R4
1M
C8
1nF
R8
R2
VOUT = 1.238V X (1 + ------- )
R8 Suggest 10K~30K
C1
220pF
VIN < 4.5V, R3=10Ω
VIN > 4.5V, R3=100Ω
4.7~100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com