Electronic Components Datasheet Search
  English  ▼

X  

APE1920MP Datasheet(PDF) 1 Page - Advanced Power Electronics Corp.

Part # APE1920MP
Description  680K/1.2MHz, HIGH VOLTAGE, BOOST CONVERTER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-POWER [Advanced Power Electronics Corp.]
Direct Link  http://www.a-power.com.tw
Logo A-POWER - Advanced Power Electronics Corp.

APE1920MP Datasheet(HTML) 1 Page - Advanced Power Electronics Corp.

  APE1920MP Datasheet HTML 1Page - Advanced Power Electronics Corp. APE1920MP Datasheet HTML 2Page - Advanced Power Electronics Corp. APE1920MP Datasheet HTML 3Page - Advanced Power Electronics Corp. APE1920MP Datasheet HTML 4Page - Advanced Power Electronics Corp. APE1920MP Datasheet HTML 5Page - Advanced Power Electronics Corp. APE1920MP Datasheet HTML 6Page - Advanced Power Electronics Corp. APE1920MP Datasheet HTML 7Page - Advanced Power Electronics Corp. APE1920MP Datasheet HTML 8Page - Advanced Power Electronics Corp. APE1920MP Datasheet HTML 9Page - Advanced Power Electronics Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
Advanced Power
Electronics Corp.
680K/1.2MHz, HIGH VOLTAGE, BOOST CONVERTER
FEATURES
DESCRIPTION
Operating Voltage from 2.6V to 5.5V
Adjustable Output Voltage Range
up to 27V
Up to 3A Output Switch Current
680K/1.2MHz Selectable Switching
Frequency
Programmable Soft-start Function
External Compensation Network
Current Limit and Thermal Shutdown
Protection
Under Voltage Lockout
< 1µA Shutdown Current
Available in the Pb-Free MESOP-10,
MESOP-8, TDFN 3x3-10L and ESOP-8
Packages
1.FREQ=High (Frequency=1.2MHz) (MESOP-10 and TDFN 3x3-10L)
Data and specifications subject to change without notice
201203271
APE1920
TYPICAL APPLICATION
1
The APE1920 is a high performance, high efficiency
step up DC-DC Converter with integrated 3A. The APE1920
converter input voltage ranging from 2.6 to 5.5V. The Output
voltage can be set up to 27V. The selectable frequency of
680 kHz and 1.2 MHz allows the use of small external
inductors
and
capacitors
and
provides
fast
transient
response. Current mode control with external compensation
network makes it easy to stabilize the system and keep
maximum
flexibility.
Programmable
soft
start
function
minimizes impact on the input power system. Internal power
MOSFET with very low RDS (ON) provides high efficiency.
The APE1920 automatically transits from PWM to PFM
during light load condition further increasing efficiency. The
converter also provides protection functions such as Current
Limit and Thermal shutdown. The APE1920 is available in
space-saving MESOP-10, MESOP-8, TDFN 3x3-10L and
ESOP-8 packages.
R8
15K
VIN=5V
C2
2*10uF
L1
4.7uH
R2
130K
VOUT=12V
C7
100pF
U1
APE1920
VCC
EN
COMP
FB
SS
SGND
PGND
FREQ
LX
C3
0.1uF
C3
3*10uF
R6
100K
C6
10nF
D1
B340A
LX
4.7~100
R3
R4
1M
C5
1nF
R8
R2
VOUT = 1.238V X (1 + ------- )
R8 Suggest 10K~30K
VIN < 4.5V, R3=10Ω
VIN > 4.5V, R3= 100Ω
C1
220pF


Similar Part No. - APE1920MP

ManufacturerPart #DatasheetDescription
logo
A POWER MICROELECTRONIC...
APE190N15P APME-APE190N15P Datasheet
1Mb / 6P
150V N-Channel Enhancement Mode MOSFET
APE190N15PT APME-APE190N15PT Datasheet
1Mb / 6P
150V N-Channel Enhancement Mode MOSFET
APE190N15T APME-APE190N15T Datasheet
1Mb / 6P
150V N-Channel Enhancement Mode MOSFET
logo
Advanced Power Electron...
APE1910 A-POWER-APE1910 Datasheet
153Kb / 5P
STEP-UP PFM DC/DC CONVERTER
APE1910Y5 A-POWER-APE1910Y5 Datasheet
153Kb / 5P
STEP-UP PFM DC/DC CONVERTER
More results

Similar Description - APE1920MP

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT1218 ANALOGICTECH-AAT1218 Datasheet
1Mb / 15P
1A, 1.2MHz Synchronous Boost Converter
logo
Taiwan Semiconductor Co...
TS1910A TSC-TS1910A Datasheet
188Kb / 8P
680kHz/1.2MHz High Voltage Boost Converter
logo
Advanced Power Electron...
APE1913 A-POWER-APE1913 Datasheet
308Kb / 9P
1.2MHz, HIGH VOLTAGE, BOOST CONVERTER
logo
Taiwan Semiconductor Co...
TS1910 TSC-TS1910 Datasheet
188Kb / 8P
680kHz/1.2MHz High Voltage Boost Converter
logo
E-CMOS Corporation
ELP3301 E-CMOS-ELP3301 Datasheet
349Kb / 9P
1.2MHz,30V/1A High Performance, Boost Converter
logo
Leshan Radio Company
LR8400 LRC-LR8400 Datasheet
484Kb / 18P
1.1A 1.2MHz Synchronous Boost Converter
logo
TECHCODE SEMICONDUCTOR,...
TD8587 TECHCODE-TD8587 Datasheet
702Kb / 13P
1.2MHz Synchronous Boost Converter
TD8588 TECHCODE-TD8588 Datasheet
601Kb / 13P
1.2MHz Synchronous Boost Converter
logo
Major-Power Technology ...
MA2003 MPOWER-MA2003 Datasheet
352Kb / 7P
1.2MHz, High Voltage, Boost Converter
logo
ACE Technology Co., LTD...
ACE7166X ACE-ACE7166X Datasheet
396Kb / 4P
1.2MHz, High Voltage, Boost Converter
VER 1.2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com