Electronic Components Datasheet Search
  English  ▼

X  

APE1920MP Datasheet(PDF) 6 Page - Advanced Power Electronics Corp.

Part # APE1920MP
Description  680K/1.2MHz, HIGH VOLTAGE, BOOST CONVERTER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-POWER [Advanced Power Electronics Corp.]
Direct Link  http://www.a-power.com.tw
Logo A-POWER - Advanced Power Electronics Corp.

APE1920MP Datasheet(HTML) 6 Page - Advanced Power Electronics Corp.

Back Button APE1920MP Datasheet HTML 2Page - Advanced Power Electronics Corp. APE1920MP Datasheet HTML 3Page - Advanced Power Electronics Corp. APE1920MP Datasheet HTML 4Page - Advanced Power Electronics Corp. APE1920MP Datasheet HTML 5Page - Advanced Power Electronics Corp. APE1920MP Datasheet HTML 6Page - Advanced Power Electronics Corp. APE1920MP Datasheet HTML 7Page - Advanced Power Electronics Corp. APE1920MP Datasheet HTML 8Page - Advanced Power Electronics Corp. APE1920MP Datasheet HTML 9Page - Advanced Power Electronics Corp. APE1920MP Datasheet HTML 10Page - Advanced Power Electronics Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
Advanced Power
Electronics Corp.
APE1920
COMPENSATION TABLE
APPLICATION INFORMATION
Setting the Output Voltage
Soft Start Capacitor
Frequency Select Pin (FREQ)
6
Fre que ncy(Hz)
L1 (H)
VIN (V)
VOUT (V)
R6 (
Ω )C7 (F)
2.5~4.4
5
10K
1.2n
2.5~5.5
7
15K
470p
2.5~5.5
9
27K
270p
2.5~5.5
12
56K
150p
2.5~5.5
15
150K
120p
2.5~5.5
18
110K
100p
2.5~5.5
21
150K
82p
2.5~5.5
24
100K
47p
2.5~4.0
5
33K
1n
2.5~5.5
7
39K
390p
2.5~5.5
9
39K
220p
2.5~5.5
12
100K
100p
2.5~5.5
15
130K
68p
2.5~5.5
18
150K
56p
2.5~5.5
21
220K
47p
2.5~5.5
24
390K
39p
6.8u
4.7u
680K(FREQ=Low )
1.2M(FREQ=High)
Application circuit item shows the basic application circuit with APE1920 adjustable output version. The
external resistor sets the output voltage according to the following equation:
⎟
⎠
⎞
⎜
⎝
⎛
+
×
=
8
1
238
1
R
R
V
V
OUT
2
.
For most applications, R8 is a suggested a value by 10~30KΩ. Place the resistor-divider as close to the IC
as possible to reduce the noise sensitivity.
The soft-start function begins from SS pin Voltage=0V to VCC with a 7uA (typ.) constant current charging to
the soft-start capacitor, so the capacitor should be large enough to let the output voltage reach regulation inside
the soft-start cycle. Typical value of soft-start capacitor range is from 4.7nF to 100nF. After the cycle finished, the
load can start to draw maximum current as required.
The frequency select pin FREQ allows to set the switching frequency of the device to 680 KHz (FREQ = low)
or 1.2 MHz (FREQ = high). Higher switching frequency improves load transient response but reduces slightly the
efficiency. The other benefits of higher switching frequency are a lower output ripple voltage. Usually, it is
recommended to use 1.2 MHz switching frequency unless light load efficiency is a major concern.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com