Electronic Components Datasheet Search
  English  ▼

X  

APE1920MP Datasheet(PDF) 5 Page - Advanced Power Electronics Corp.

Part # APE1920MP
Description  680K/1.2MHz, HIGH VOLTAGE, BOOST CONVERTER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-POWER [Advanced Power Electronics Corp.]
Direct Link  http://www.a-power.com.tw
Logo A-POWER - Advanced Power Electronics Corp.

APE1920MP Datasheet(HTML) 5 Page - Advanced Power Electronics Corp.

  APE1920MP Datasheet HTML 1Page - Advanced Power Electronics Corp. APE1920MP Datasheet HTML 2Page - Advanced Power Electronics Corp. APE1920MP Datasheet HTML 3Page - Advanced Power Electronics Corp. APE1920MP Datasheet HTML 4Page - Advanced Power Electronics Corp. APE1920MP Datasheet HTML 5Page - Advanced Power Electronics Corp. APE1920MP Datasheet HTML 6Page - Advanced Power Electronics Corp. APE1920MP Datasheet HTML 7Page - Advanced Power Electronics Corp. APE1920MP Datasheet HTML 8Page - Advanced Power Electronics Corp. APE1920MP Datasheet HTML 9Page - Advanced Power Electronics Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
Advanced Power
Electronics Corp.
APE1920
ELECTRICAL SPECIFICATIONS(Cont.)
Parameter
SYM
TEST CONDITION
MIN
TYP
MAX
UNITS
MOSFET On-resistance
VIN=3V, ISW=2A
-
200
280
(Note1)
VIN=5V, ISW=2A
-
160
220
EN High-level Input Voltage
VIH
1-
-
V
EN Low-level Input Voltage
VIL
-
-
0.4
V
EN Hysteresis
hys
-
200
-
mV
EN Input Leakage Current
IEN-LKG
VEN=GND or VIN
-
0.01
0.1
μA
Maximum Duty Cycle
Duty
VFB=0V
85
90
-
%
LX Leakage Current
ILXL
VLX = 25V, VFB=1.5V
-
-
10
µA
Thermal Shutdown
TDS
-
150
-
Thermal Shutdown Hysteresis
TSH
-35
-
Note:Guaranteed by design.
PIN DESCRIPTIONS
PIN SYMBOL
PIN DESCRIPTION
EN
Enable Pin
COMP
Compensation Pin
FB
Feedback Pin
SS
Soft start Pin. Connect a capacitor to GND
LX
Switch Pin.
VCC
Power Input Pin
GND
Ground Pin
SGND
Signal Ground
PGND
Power Ground
Frequency select pin. The power switch operates at 680kHz if FREQ is connected
to GND and at 1.2MHz if FREQ is connected to VCC
BLOCK DIAGRAM
FREQ
5
RDS(on)
mΩ
oC
VCC
SS
LX
SGND
Control and
Driver Logic
EN
COMP
1.238V
Reference
Soft
Start
Current
Sense
Slope
Compensation
Oscillator
FB
Error Amplifier
Summing
Comparator
Thermal
Shutdown
7uA
Enable/
Disable
PGND
N-MOS
FREQ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com