Electronic Components Datasheet Search
  English  ▼

X  

APE1920MP Datasheet(PDF) 7 Page - Advanced Power Electronics Corp.

Part # APE1920MP
Description  680K/1.2MHz, HIGH VOLTAGE, BOOST CONVERTER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-POWER [Advanced Power Electronics Corp.]
Direct Link  http://www.a-power.com.tw
Logo A-POWER - Advanced Power Electronics Corp.

APE1920MP Datasheet(HTML) 7 Page - Advanced Power Electronics Corp.

Back Button APE1920MP Datasheet HTML 3Page - Advanced Power Electronics Corp. APE1920MP Datasheet HTML 4Page - Advanced Power Electronics Corp. APE1920MP Datasheet HTML 5Page - Advanced Power Electronics Corp. APE1920MP Datasheet HTML 6Page - Advanced Power Electronics Corp. APE1920MP Datasheet HTML 7Page - Advanced Power Electronics Corp. APE1920MP Datasheet HTML 8Page - Advanced Power Electronics Corp. APE1920MP Datasheet HTML 9Page - Advanced Power Electronics Corp. APE1920MP Datasheet HTML 10Page - Advanced Power Electronics Corp. APE1920MP Datasheet HTML 11Page - Advanced Power Electronics Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
Advanced Power
Electronics Corp.
APE1920
APPLICATION INFORMATION
Under Voltage Lockout (UVLO)
Input Capacitor Selection
Output Capacitor Selection
Layout Guide
(1) MESOP-10/TDFN 3x3-10L
7
To avoid mis-operation of the device at low input voltages an under voltage lockout is included that disables
the device, if the input voltage falls below (2.35V-150mV).
For better input bypassing, low-ESR ceramic capacitors are recommended for performance. Two parallel
10uF (or one 22uF) input capacitor is sufficient for most applications. For a lower output power requirement
application, this value can be decreased.
For lower output voltage ripple, low-ESR output capacitor like ceramic capacitor is recommended. Three
parallel 10uF ceramic capacitors work for most of the applications. Higher capacitor values can be used to
improve the load transient response and reduce output ripple.
C2 must be placed between VIN and
PGND as closer as possible, VIN trace
should be wide and short. The PGND
trace can not directly connect to SGND,
the trace take a via to ground area of
bottom.
LX should connected to lnductor by wide and
short trace, keep sensitive components away
from this trace.
R2 and C8 should be connected
to FB pin by short trace.
APE1920MM10/APE1920TGN3
VIN
C2
L1
GND
VOUT
LX
SGND
VCC
PGND
SS
FREQ
EN
1
2
3
4
5
6
7
8
9
10
LX
FB
COMP
Expose
Pad
VCC
C4
R3
C6
C7
R6
R8
R2
C5
R4
D1
C3
R7
GND
C4 must be placed between VCC pin
and SGND as closer as possible. The
SGND must connect to exposed pad
directly.
Frequency Selection, if FREQ connect to VCC,
the frequency is 1.2MHz, else connect R7 to
GND, the frequency is 680KHz.
C1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com