Electronic Components Datasheet Search
  English  ▼

X  

IMX53IEC Datasheet(PDF) 170 Page - Freescale Semiconductor, Inc

Part # IMX53IEC
Description  i.MX53 Applications Processors for Industrial Products
PDF  173 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

IMX53IEC Datasheet(HTML) 170 Page - Freescale Semiconductor, Inc

Back Button IMX53IEC Datasheet HTML 165Page - Freescale Semiconductor, Inc IMX53IEC Datasheet HTML 166Page - Freescale Semiconductor, Inc IMX53IEC Datasheet HTML 167Page - Freescale Semiconductor, Inc IMX53IEC Datasheet HTML 168Page - Freescale Semiconductor, Inc IMX53IEC Datasheet HTML 169Page - Freescale Semiconductor, Inc IMX53IEC Datasheet HTML 170Page - Freescale Semiconductor, Inc IMX53IEC Datasheet HTML 171Page - Freescale Semiconductor, Inc IMX53IEC Datasheet HTML 172Page - Freescale Semiconductor, Inc IMX53IEC Datasheet HTML 173Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 170 / 173 page
background image
i.MX53 Applications Processors for Industrial Products, Rev. 6
170
Freescale Semiconductor
Revision History
7
Revision History
Table 113 provides a revision history for this data sheet.
Table 113. i.MX53 Data Sheet Document Revision History
Rev.
Number
Date
Substantive Change(s)
Rev. 6
03/2013 In Table 1, “Ordering Information” removed MCIMX535DVV2C, as it no longer exists.
In Table 6, “i.MX53 Operating Ranges,” updated minimum values of LVDS interface supply
(NVCC_LVDS) and LVDS band gap supply (NVCC_LVDS_BG) to 2.375 volts.
Rev. 5
09/2012
• In Table 1, "Ordering Information," on page 2,” renamed “Features” column as “CPU Frequency.”
•In Section 1.2, “Features:”
—Changed “SATA I” to “SATA II” under Hard disk drives bullet
—Added a new bullet item to mention support for tamper detection mechanism
•In Section 1.2, “Features,” added a new bullet item to mention support for FlexCAN feature.
• Removed the note shown at the end of Section 1.2, “Features.”
•In Table 2, "i.MX53 Digital and Analog Blocks," on page 7, removed details of MPEG2 encoder, as
this is not supported on i.MX53.
•In Table 6, "i.MX53 Operating Ranges," on page 18:
—Changed VDDGP max voltage, for all frequency ranges and for STOP mode, to 1.15 V
—Updated footnote on TVDAC_DHVDD and TVDAC_AHVDDRGB
•In Table 8, "Maximal Supply Currents," on page 20:
—Corrected power line name, MVCC_XTAL, to NVCC_XTAL
—Added a footnote on NVCC_EMI_DRAM
—Updated max current value and added a footnote for power line, NVCC_SRTC_POW
—Removed duplicate entries for NVCC_EMI_DRAM and NVCC_XTAL
•In Section 4.2.3, “Power Supplies Usage,” updated the fourth bullet item.
•In Figure 25, "Asynchronous A/D Muxed Write Access," on page 58, renamed “WE41” as “WE41A”
and shifted its position to left.
•In Table 57, "Camera Input Signal Cross Reference, Format and Bits Per Cycle," on page 80, added
a footnote on “YCbCr 8 bits 2 cycles” column header.
Rev. 4
11/2011
• In Section 1, “Introduction,” changed 1 GHz to 1.2 GHz in the second paragraph and updated the
bulleted list after the second paragraph.
•In Table 1, "Ordering Information," on page 2:
—Removed part numbers “PCIMX535DVV1C” and “MCIMX538DZK1C”
—Added a new part number “MCIMX535DVV2C”
—Updated package information for part number “PCIMX538DZK1C”
—Updated the second footnote
•In Section 1.2, “Features,” changed “Target frequency” to “Maximum frequency” and 1 GHz to 1–1.2
GHz in the third bullet item of the first bulleted list.
•In Table 2, "i.MX53 Digital and Analog Blocks," on page 7, removed “Sorenson H.263 decode, 4CIF
resolution, 8 Mbps bit rate” from VPU brief description.
•In Table 4, "Absolute Maximum Ratings," on page 16, changed the maximum voltage for VDDGP
from 1.35V to 1.4V.
•In Table 6, "i.MX53 Operating Ranges," on page 18:
—Added a row and a footnote for “ARM core supply voltage fARM ≤ 1200 MHz” parameter of VDDGP
—Added a new footnote for “Peripheral supply voltage” parameter of VCC
—Updated the footnote for “Junction temperature” parameter
•In Section 1.2, “Features,” changed “Target frequency” to “Maximum frequency” in the third bullet item
of the first bulleted list.
•In Table 2, "i.MX53 Digital and Analog Blocks," on page 7, removed “Sorenson H.263 decode, 4CIF
resolution, 8 Mbps bit rate” from VPU brief description.
(continued on next page)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com