Electronic Components Datasheet Search
  English  ▼

X  

IMX53IEC Datasheet(PDF) 171 Page - Freescale Semiconductor, Inc

Part # IMX53IEC
Description  i.MX53 Applications Processors for Industrial Products
PDF  173 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

IMX53IEC Datasheet(HTML) 171 Page - Freescale Semiconductor, Inc

Back Button IMX53IEC Datasheet HTML 165Page - Freescale Semiconductor, Inc IMX53IEC Datasheet HTML 166Page - Freescale Semiconductor, Inc IMX53IEC Datasheet HTML 167Page - Freescale Semiconductor, Inc IMX53IEC Datasheet HTML 168Page - Freescale Semiconductor, Inc IMX53IEC Datasheet HTML 169Page - Freescale Semiconductor, Inc IMX53IEC Datasheet HTML 170Page - Freescale Semiconductor, Inc IMX53IEC Datasheet HTML 171Page - Freescale Semiconductor, Inc IMX53IEC Datasheet HTML 172Page - Freescale Semiconductor, Inc IMX53IEC Datasheet HTML 173Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 171 / 173 page
background image
Revision History
i.MX53 Applications Processors for Industrial Products, Rev. 6
Freescale Semiconductor
171
Rev. 4
11/2011
• In Section 1, “Introduction,” added a new bullet item, Applications processor, to the bulleted list that
contains features of the i.MX53 processor.
•In Section 1.2, “Features,” changed “Target frequency” to “Maximum frequency” and added a new
bullet item to mention support for the DVFS feature.
•In Section 2.1, “Block Diagram,” added Figure 1, "i.MX53 System Block Diagram," on page 6.
•In Table 2, "i.MX53 Digital and Analog Blocks," on page 7, removed “Sorenson H.263 decode, 4CIF
resolution, 8 Mbps bit rate” from VPU brief description.
• Added a note after Section 4.2.1, “Power-Up Sequence,” cross-referencing i.MX53 System
Development User’s Guide.
•In Table 10, "GPIO I/O DC Electrical Characteristics," on page 27:
—Changed test condition “Iout = -1 mA” to “Iout = -0.8 mA” in the first row
—Removed test condition “Iout= specified Ioh Drive” from the first row
—Removed “0.8 x OVDD” from the Min column of the first row
—Changed test condition “Iout = 1 mA” to “Iout = 0.8 mA” in the second row
—Removed test condition “Iout= specified Iol Drive” from the second row
—Removed “0.2 x OVDD” from the Max column of the second row
—Removed rows 3–6
—Changed the max value for Iin at condition “Vin = OVDD or 0” in row 12 from 2
μA to 10 μA
—Changed the max value for Iin at condition “Vin = OVDD” in rows 13–15 from 2
μA to 10 μA
—Changed the max value for Iin at condition “Vin = 0 V” in row 15 from 36
μA to 40 μA
—Changed the max value for Iin at condition “Vin = 0 V” in row 16 from 2
μA to 10 μA
—Changed the max value for Iin at condition “Vin = OVDD” in row 16 from 36
μA to 40 μA
•In Table 11, "DDR2 I/O DC Electrical Parameters," on page 28:
—Added test condition “Ioh = -0.1 mA” in the first row
—Added test condition “Iol = 0.1 mA” in the second row
—Removed rows 3–4
•In Section 4, “Electrical Characteristics,” removed the note appearing after the first paragraph.
•In Section 4.2.1, “Power-Up Sequence,” updated the fifth bullet item to specify that VDD_ANA_PLL
can be used to power NVCC_CKIH and NVCC_RESET.
•In Section 4.3.2.2, “LPDDR2 Mode I/O DC Parameters,” added the sentence “The parameters in
Table 12 are guaranteed per the operating ranges in Table 6, unless otherwise noted.” before
Table 12.
•In Table 12, "LPDDR2 I/O DC Electrical Parameters," on page 29:
—Added test condition “Ioh = -0.1 mA” in the first row
—Added test condition “Iol = 0.1 mA” in the second row
•In Table 13, "DDR3 I/O DC Electrical Parameters," on page 29:
—Added test condition “Ioh = -0.1 mA” in the first row
—Added test condition “Iol = 0.1 mA” in the second row
•In Table 14, "LVIO DC Electrical Characteristics," on page 30:
—Added test condition “Ioh = -0.8 mA” in the first row
—Added test condition “Iol = 0.8 mA” in the second row
•In Table 15, "UHVIO DC Electrical Characteristics," on page 31:
—Changed test condition “Iout = -1 mA” to “Iout = -0.8 mA” in the first row
—Removed test condition “Iout= specified Ioh Drive” from the first row
—Removed “0.8 x OVDD” from the Min column of the first row
—Changed test condition “Iout = 1 mA” to “Iout = 0.8 mA” in the second row
—Removed test condition “Iout= specified Iol Drive” from the second row
—Removed “0.2 x OVDD” from the Max column of the second row
—Removed rows 3–6
Table 113. i.MX53 Data Sheet Document Revision History (continued)
Rev.
Number
Date
Substantive Change(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com